Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB827A Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB827A
Description  SLOTTED OPTICAL SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB827A Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB827A Datasheet HTML 1Page - OPTEK Technologies OPB827A Datasheet HTML 2Page - OPTEK Technologies OPB827A Datasheet HTML 3Page - OPTEK Technologies OPB827A Datasheet HTML 4Page - OPTEK Technologies OPB827A Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 3 of 5
Slotted Optical Switch
OPB827, OPB828, OPB829Z Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP240 for additional information—for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Transistor (See OP550 for additional information—for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Coupled
VCE(SAT)
Saturation Voltage
-
-
0.6
V
IC = 1800 µA, IF = 20 mA
IC(ON)
On-State Collector Current
1800
-
-
µA
VCE = 0.6 V, IF = 20 mA
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature
OPB827, OPB828
OPB829Z
-40° C to +85° C
-40° C to +80° C
Lead Soldering Temperature (1/16 inch [1.6 mm] from case for 5 seconds with soldering iron)
(1)
260° C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1µs pulse width, 300 pps)
3 A
Reverse DC Voltage
2 V
Power Dissipation
(2)
100 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(2)
100 mW
Collector DC Current
30 mA
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 1.82 mW/° C above 25° C.
(3)
Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and ketones.
(4)
All parameters were tested using pulse technique.


Similar Part No. - OPB827A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
   SLOTTED OPTICAL SWITCHES
logo
TT Electronics.
OPB827A TTELEC-OPB827A Datasheet
608Kb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB827A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB821 OPTEK-OPB821 Datasheet
242Kb / 2P
   Slotted Optical Switches
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB854A3 OPTEK-OPB854A3 Datasheet
226Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB830W OPTEK-OPB830W_06 Datasheet
373Kb / 4P
   Slotted Optical Switches
OPB830L OPTEK-OPB830L Datasheet
386Kb / 4P
   SLOTTED OPTICAL SWITCHES
OPB844A OPTEK-OPB844A Datasheet
232Kb / 2P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com