Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003L-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics PD55003L-E Datasheet HTML 10Page - STMicroelectronics PD55003L-E Datasheet HTML 11Page - STMicroelectronics PD55003L-E Datasheet HTML 12Page - STMicroelectronics PD55003L-E Datasheet HTML 13Page - STMicroelectronics PD55003L-E Datasheet HTML 14Page - STMicroelectronics PD55003L-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PD55003L-E
Test circuit schematic
Rev1
11/19
Table 9.
S-Parameter (PD55003L)
(VDS=12.5V, IDS=0.15A)
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.808
-110
20.14
112
0.039
22
0.672
-109
100
0.772
-141
11.77
93
0.042
5
0.633
-138
150
0.771
-152
7.86
82
0.041
-5
0.642
-147
200
0.779
-157
5.80
73
0.040
-11
0.665
-151
250
0.794
-161
4.50
66
0.038
-17
0.694
-154
300
0.809
-163
3.62
60
0.035
-22
0.721
-155
350
0.824
-165
2.98
54
0.033
-26
0.750
-157
400
0.839
-166
2.50
49
0.031
-30
0.774
-159
450
0.853
-168
2.13
44
0.028
-32
0.796
-160
500
0.865
-169
1.83
40
0.025
-34
0.818
-161
550
0.874
-171
1.59
36
0.023
-36
0.837
-163
600
0.885
-172
1.39
33
0.021
-36
0.852
-164
650
0.894
-173
1.23
29
0.018
-37
0.867
-165
700
0.901
-174
1.10
26
0.016
-37
0.880
-166
750
0.906
-175
0.97
23
0.015
-36
0.890
-167
800
0.911
-176
0.88
20
0.012
-32
0.902
-169
850
0.916
-177
0.79
18
0.011
-28
0.909
-169
900
0.918
-178
0.72
15
0.010
-22
0.918
-171
950
0.922
-179
0.65
13
0.008
-13
0.922
-171
1000
0.925
180
0.59
11
0.007
-7
0.928
-172
1050
0.925
179
0.54
9
0.007
8
0.934
-173
1100
0.928
178
0.50
7
0.006
21
0.938
-174
1150
0.927
177
0.46
5
0.007
38
0.941
-175
1200
0.928
176
0.43
4
0.008
51
0.944
-176
1250
0.929
175
0.40
2
0.010
56
0.947
-176
1300
0.927
175
0.37
1
0.011
61
0.953
-177
1350
0.927
174
0.34
-1
0.011
65
0.951
-178
1400
0.925
173
0.32
-2
0.012
68
0.952
-178
1450
0.922
172
0.30
-4
0.014
72
0.954
-179
1500
0.922
172
0.28
-5
0.016
73
0.957
-180


Similar Part No. - PD55003L-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
logo
List of Unclassifed Man...
PD55003L ETC1-PD55003L Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - PD55003L-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
   RF power transistor the LdmoST plastic family
August 2008 Rev 4
PD85004 STMICROELECTRONICS-PD85004 Datasheet
662Kb / 18P
   RF power transistor the LdmoST plastic family
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
   RF power transistor the LdmoST plastic family
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
   RF power transistor The LdmoST plastic family
STAP57100 STMICROELECTRONICS-STAP57100 Datasheet
181Kb / 8P
   RF power transistor the LdmoST family
April 2009
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
   RF power transistors The LdmoST Plastic family
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com