Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0448.500 Datasheet(PDF) 1 Page - Littelfuse

Part # 0448.500
Description  Surface Mount Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0448.500 Datasheet(HTML) 1 Page - Littelfuse

  0448.500 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
374
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount
Lead-Free NANO
Fuse Very Fast-Acting 448 Series
The lead free Nano2 SMF Fuse is a very small, square surface mount fuse
that is RoHS compliant and 100% Lead-Free. This product is fully compatible
with lead-free solder alloys and higher temperature profiles associated with
lead-free assembly.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/16 –15
4 hours, Minimum
200%
1/16 –10
5 seconds, Maximum
12–15
20 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA. Approved by METI from 1
through 5 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
1/16 – 8A
50 amperes at 125 VAC/VDC
300 amperes at 32 VDC
10A
35 amperes at 125 VAC/50 amperes at 125 VDC
300 amperes at 32 VDC
12A – 15A
50 amperes at 65 VAC/VDC
300 amperes at 24 VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz).
Salt Spray: MIL-STD-202, Method 101, Test Condition B.
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A, (10,000 ohms minimum).
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition B (10 sec. at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C).
Moisture Resistance: MIL-STD-202, Method 106, High Humidity
(90-98 RH), Heat (65°C).
ORDERING INFORMATION:
F
7 A
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Recommended pad layout
Nominal
Nominal
Ampere
Voltage
Resistance Melting I
2t
Catalog #
Rating
Rating
Cold Ohms
A
2 Sec.
0448.062
0.062
125
5.50
0.00023
0448.080
0.080
125
4.42
0.00043
0448.100
0.100
125
2.90
0.00082
0448.125
0.125
125
2.58
0.00130
0448.160
0.160
125
1.76
0.00280
0448.200
0.200
125
1.40
0.00380
0448.250
0.250
125
1.05
0.01520
0448.315
0.315
125
0.7900
0.0265
0448.375
0.375
125
0.7300
0.0240
0448.400
0.400
125
0.4895
0.0416
0448.500
0.500
125
0.3800
0.1000
0448.630
0.630
125
0.2821
0.121
0448.750
0.750
125
0.2475
0.206
0448.800
0.800
125
0.1907
0.272
0448 001.
1.0
125
0.08630
0.441
0448 1.25
1.25
125
0.06619
0.900
0448 01.5
1.5
125
0.06514
0.900
0448 01.6
1.6
125
0.06261
1.122
0448 002.
2.0
125
0.03529
0.812
0448 02.5
2.5
125
0.02934
1.156
0448 003.
3.0
125
0.02445
1.720
0448 3.15
3.15
125
0.02300
1.810
0448 03.5
3.5
125
0.02100
2.300
0448 004.
4
125
0.01577
3.970
0448 005.
5
125
0.01531
4.490
0448 06.3
6.3
125
0.01044
12.10
0448 007.
7
125
0.00900
13.92
0448 008.
8
125
0.00780
18.33
0448 010.
10
125
0.00700
28.00
0448 012.
12
65
0.00533
47.59
0448 015.
15
65
0.00394
96.10
®
®
RoHS
PHYSICAL SPECIFICATIONS:
Materials: Body: Ceramic, blue ink used for device marking
Terminations: Gold over nickel plated brass caps
Soldering Parameters(see page 3 for typical soldering profile):
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Solderability: MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS: 12mm Tape and Reel per
EIA-RS481-1 (IEC 286, part3); 1,000 pieces per reel, add packaging
suffix, MR; 5,000 per reel, add packaging suffix NR.
PATENTED
Pb
0.001
0.01
0.1
1
10
100
0
0
0
1
0
0
1
0
1
1
1
.
0
CURRENT IN AMPS
Average Time Current Curves


Similar Part No. - 0448.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0448.500MR LITTELFUSE-0448.500MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
More results

Similar Description - 0448.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com