Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459005 Datasheet(PDF) 1 Page - Littelfuse

Part # 0459005
Description  Surface Mount Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0459005 Datasheet(HTML) 1 Page - Littelfuse

  0459005 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
383
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount
PICO
® SMF 459 and 460 Series Fuses
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz, .06 in. total excursion).
Salt Spray: MIL-STD-202, Method 101, Test Condition B (48 hrs.).
Insulation Resistance (After Opening): MIL-STD-202, Method
302, (10,000 ohms minimum at 100 volts).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C).
Moisture Resistance: MIL-STD-202, Method 106, High Humidity
(90-98 RH), Heat (65°).
PHYSICAL SPECIFICATIONS:
Materials: Body: Molded Thermoplastic
Terminations: 100% Tin Plated Copper(459 Series)
100% Tin Plated Copper(460 Series)
Solderability: MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS: 12mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 500 per reel, add packaging suffix, UR.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Maximum
300%
0.1 second, Maximum
459 SERIES AGENCY APPROVALS: Recognized under the
Components Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
459 SERIES INTERRUPTING RATINGS:
50 amperes at 125 VAC.
300 amperes at 125 VDC.
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition F (10 sec. at 260°C).
PATENTED
ORDERING INFORMATION:
PICO
® SMF
Slo-Blo® Type Fuse 460 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Min.; 120 seconds, Max.
300%
0.2 second, Min.; 3 seconds, Max.
800%
0.02 second, Min.; 0.1 second, Max.
460 SERIES AGENCY APPROVALS: Recognized under the
Components Program of Underwriters Laboratories and Certified by
CSA. Approved by METI from 1 through 5 amperes.
460 SERIES INTERRUPTING RATINGS:
50 amperes at 125 VAC.
50 amperes at 125 VDC.
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum
Reflow Solder — 230°C, 30 seconds maximum
Resistance to Soldering Heat: MIL-STD-202,
Method 210 (3 sec. at 260°C)
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
0460.500
1/2
125
1.19
0.210
0460.750
3/4
125
0.497
0.760
0460 001
1
125
0.280
2.01
0460 01.5
11/2
125
0.116
3.94
0460 002
2
125
0.071
7.60
0460 02.5
21/2
125
0.052
13.0
0460 003
3
125
0.038
21.0
0460 03.5
31/2
125
0.024
26.8
0460 004
4
125
0.0194
35.0
0460 005
5
125
0.0133
54.8
®
®
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
0459.062
1/16
125
7.0
0.000075
0459.125
1/8
125
1.70
0.00163
0459.250
1/4
125
0.665
0.0106
0459.375
3/8
125
0.395
0.0254
0459.500
1/2
125
0.280
0.0546
0459.750
3/4
125
0.175
0.155
0459 001
1
125
0.125
0.281
0459 01.5
11/2
125
0.0800
0.650
0459 002
2
125
0.0468
0.421
0459 02.5
21/2
125
0.0350
0.721
0459 003
3
125
0.0290
1.23
0459 03.5
31/2
125
0.0240
1.65
0459 004
4
125
0.0200
2.35
0459 005
5
125
0.0155
3.90
4.32
(.170")
5 A
1 25 V
LF
4 5 9
B 3
®
®
3.05
(.120")
2.97
(.117")
7.24(.285")
REF.
8.26
(.325")
1.65
(.065")
4.95
(.195")
1.30(.051")
REF.
2.03
(.080")
RECOMMENDED
PAD LAYOUT
PICO
® SMF
Very Fast-Acting Type Fuse 459 Series
®
®
RoHS
10
RoHS


Similar Part No. - 0459005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0459005.ER LITTELFUSE-0459005.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
0459005.UR LITTELFUSE-0459005.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
More results

Similar Description - 0459005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com