Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD82241 Datasheet(PDF) 2 Page - Analog Devices

Part # AD82241
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD82241 Datasheet(HTML) 2 Page - Analog Devices

  AD82241 Datasheet HTML 1Page - Analog Devices AD82241 Datasheet HTML 2Page - Analog Devices AD82241 Datasheet HTML 3Page - Analog Devices AD82241 Datasheet HTML 4Page - Analog Devices AD82241 Datasheet HTML 5Page - Analog Devices AD82241 Datasheet HTML 6Page - Analog Devices AD82241 Datasheet HTML 7Page - Analog Devices AD82241 Datasheet HTML 8Page - Analog Devices AD82241 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD8253
Preliminary Technical Data
Rev. prA | Page 2 of 10
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ......................................................6
ESD Caution...................................................................................6
Pin Configuration and Function Descriptions..............................7
Theory of Operation .........................................................................8
Gain Selection................................................................................8
Outline Dimensions ....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
4/07—Revision 0: Initial Version


Similar Part No. - AD82241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8224 AD-AD8224 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8224 AD-AD8224 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
More results

Similar Description - AD82241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com