Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8351 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM8351
Description  8-Channel 1.0-1.25 Gbps Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8351 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM8351 Datasheet HTML 1Page - PMC-Sierra, Inc PM8351 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-Sierra,Inc.
8-Channel 1.0-1.25 Gbps Transceiver
PMC-2000672 (R3)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001
PM8351 OctalPHY™
FEATURES
• Eight independent 1.0-1.25 Gbit/s
transceivers
• Ultra low power operation: 1.25 Watts
typical
• Integrated serializer/deserializer, clock
synthesis, clock recovery, and 8B/10B
encode/decode logic
• Physical Coding Sublayer (PCS) logic
for Gigabit Ethernet
• Optional receive FIFO which
synchronizes incoming data to local
clock domain
• Dual Data Rate (DDR) parallel
interface with clock forwarding to halve
ASIC terminal count and simplify
timing
• Extensive control of loopback, BIST,
and operating modes via 802.3
compliant MDC/MDIO serial interface
• Built-in packet generator/checker
• “Trunking” feature to de-skew and
align received parallel data across
eight channels
• IEEE 1149.1 JTAG testing support
• IEEE 802.3z Gigabit Ethernet and
ANSI X3T11 FibreChannel support
• High speed outputs which feature
programmable output current to
directly drive dual-terminated line
• 2.5 V, 0.25
µ CMOS technology with
3.3V tolerant I/O
• Direct interface to optical modules,
coax, or serial backplanes
• Small footprint 19x19 mm, 289-pin
PBGA
APPLICATIONS
• High speed serial backplanes
• Gigabit Ethernet links
• FibreChannel links
• Intra-system interconnect
• ASIC to PMD link
GENERAL DESCRIPTION
The OctalPHYTM is an octal PHYsical
layer transceiver ideal for systems
requiring large numbers of point-to-point
gigabit links. It provides eight individual
serial channels capable of operation at
up to 1.25 Gbps, which may be grouped
together to form a single 12.5 Gbps
bidirectional link.
The OctalPHY includes 8B/10B block
coding logic (compliant with 802.3z
Gigabit Ethernet and FibreChannel
requirements) which produces run length
limited data streams for serial trans-
mission.
A receive FIFO optionally aligns all
incoming parallel data to the local clock
domain, adding or removing IDLE
sequences as required. This simplifies
implementation of the upstream ASIC by
removing the requirement to deal with
multiple clock domains.
When trunking is enabled, the OctalPHY
can remove cable skew differences
equivalent to several meters, presenting
8-byte data vectors at the receive
interface exactly as they were trans-
mitted.
EXAMPLE ARCHITECTURE
The first figure on the next page shows
the OctalPHY in a switch application.
This implementation uses eight channels
of 1.25 Gbaud per linecard, requiring
only 32 signal pins per linecard and 128
for the switch card, providing up to
32 Gbps total payload capacity to the
switch fabric.
The 5-bit DDR interface of the OctalPHY
saves pins on the switch device. An
additional OctalPHY operated in trunking
mode creates a cost effective 10 Gbps
uplink, capable of directly driving copper
or various optical transports.
The dotted lines in the figure depict the
system clock domains. Note that even
though the recovered clock from any or
all serial links may be asynchronous to
the local clock, the OctalPHY bridges
these domains so that the switch fabric
and linecards may be designed in only a
single clock domain.
The OctalPHY creates a highly
integrated and cost effective physical
layer solution for Gigabit Ethernet or
FibreChannel external interfaces.
BLOCK DIAGRAM
FIFO
8B/10B
Encoder
10B/8B
Decoder
Clock
Clock Synthesizer
Common Control Logic
REFCLK
PLL LOCK
MDC/MDIO
Serial
Management
Static Controls
Serial
Receive
Data
Serial
Transmit
Data
10
10
Parallel
Data In
TX Byte
Clock
Transmit Channel A (1 of 8)
Receive Channel A (1 of 8)
Parallel
Data Out
RX Byte
Clock
Recovery
Serializer
PCS
PCS
Deserialize &
Byte Align
FIFO


Similar Part No. - PM8351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
   4-Channel 1.0-1.25 Gbps Transceiver
PM8355 PMC-PM8355 Datasheet
58Kb / 2P
   4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
More results

Similar Description - PM8351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
   4-Channel 1.0-1.25 Gbps Transceiver
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020 Datasheet
126Kb / 1P
   8-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
C-13-1250AC-T-SSC SOURCE-C-13-1250AC-T-SSC Datasheet
537Kb / 8P
   1.25 Gbps Single Mode Transceiver
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020_06 Datasheet
119Kb / 2P
   EIGHT-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com