Electronic Components Datasheet Search |
|
PM100DSA120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
PM100DSA120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 6 page Sep.2000 Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified Characteristics Symbol Test Conditions Min. Typ. Max. Units IGBT Inverter Sector Collector Cutoff Current ICES VCE = VCEX, Tj = 25°C— — 1 mA VCE = VCEX, Tj = 125°C— — 10 mA Emitter-Collector Voltage VEC -IC = 100A, VD = 15V, VCIN = 5V — 2.5 3.5 Volts Collector-Emitter Saturation Voltage VCE(sat) VD = 15V, VCIN = 0V, IC = 100A — 2.3 3.2 Volts VD = 15V, VCIN = 0V, IC = 100A, — 2.1 2.9 Volts Tj = 125°C Inductive Load Switching Times ton 0.5 1.4 2.5 µs trr VD = 15V, VCIN = 0 ↔ 5V — 0.2 0.4 µs tC(on) VCC = 600V, IC = 100A — 0.4 1.0 µs toff Tj = 125°C — 2.5 3.5 µs tC(off) — 0.6 1.1 µs Thermal Characteristics Characteristic Symbol Condition Min. Typ. Max. Units Junction to Case Thermal Resistance Rth(j-c)Q Each IGBT — — 0.21 °C/Watt Rth(j-c)F Each FWDi — — 0.35 °C/Watt Contact Thermal Resistance Rth(c-f) Case to Fin Per Module, — — 0.060 °C/Watt Thermal Grease Applied Recommended Conditions for Use Characteristic Symbol Condition Value Units Supply Voltage VCC Applied across C1-E2 Terminals 0 ~ 800 Volts VD Applied between VP1-VPC, VN1-VNC 15 ± 1.5 Volts Input ON Voltage VCIN(on) Applied between 0 ~ 0.8 Volts Input OFF Voltage VCIN(off) CP1-VPC, CN1-VNC 4.0 ~ VSXR Volts PWM Input Frequency fPWM Using Application Circuit 5 ~ 20 kHz Minimum Dead Time tdead Input Signal ≥ 3.5 µs MITSUBISHI INTELLIGENT POWER MODULES PM100DSA120 FLAT-BASE TYPE INSULATED PACKAGE |
Similar Part No. - PM100DSA120 |
|
Similar Description - PM100DSA120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |