Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S114D-6 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # S114D-6
Description  CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S114D-6 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  S114D-6 Datasheet HTML 1Page - Teledyne Technologies Incorporated S114D-6 Datasheet HTML 2Page - Teledyne Technologies Incorporated S114D-6 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
57
2 Form C (DPDT)
Continuous
0.1 ohm max. before life; 0.2 ohm max. after life at 1A/28VDC, (measured 1/8” from header along lead)
Resistive:
1 Amp/28VDC
Inductive:
200 mA/28VDC (320 mH)
Lamp:
100 mA/28VDC
Low Level:
10 to 50 µA/10 to 50 mVDC
Resistive:
250 mA/115VAC, 60 and 400Hz (Case underground)
100 mA/115VAC, 60 and 400Hz (Case grounded)
10,000,000 cycles (typical) at low level
01,000,000 cycles (typical) at 0.5A/28VDC resistive
00,100,000 cycles min. at all other loads specified above
2A/28VDC Resistive (100 cycles min.)
Contact factory
450 milliwatts typical at nominal rated voltage @ 25°C
2.0 msec max. at nominal rated coil voltage @ 25°C
S114 Series: 1.5 msec max.
S114D, S114DD Series: 4.0 msec max.
1.5 msec max.
0.4 pf typical
10,000 megohms min. between mutually isolated terminals
Atmospheric pressure: 500 VRMS/60 Hz
70,000 ft.: 125 VRMS/60Hz
100 VDC min.
1.0 VDC max.
SERIES S114
GENERAL ELECTRICAL SPECIFICATIONS (-65°C to +125°C unless otherwise noted) (Notes 1 & 2)
Contact Arrangement
Rated Duty
Contact Resistance (Note 4)
Contact Load Rating (DC)
(See Fig. 3 for other DC
resistive voltage/current ratings)
Contact Load Ratings (AC)
Contact Life Ratings
Contact Overload Rating
Contact Carry Rating
Coil Operating Power
Operate Time
Release Time
Contact Bounce
lntercontact Capacitance
Insulation Resistance
Dielectric Strength
Diode P.I.V. S114D, S114DD
Negative Coil Transient S114D, S114DD
DETAILED ELECTRICAL SPECIFICATIONS (-65°C to +125°C unless otherwise noted) (Note 2)
S114-5
S114D-5
S114DD-5
S114-6
S114D-6
S114DD-6
S114-9
S114D-9
S114DD-9
S114-12
S114D-12
S114DD-12
S114-18
S114D-18
S114DD-18
S114-26
S114D-26
S114DD-26
BASE PART
NUMBERS
5.0
6.0
9.0
12.0
18.0
26.5
5.8
8.0
12.0
16.0
24.0
32.0
50
98
220
390
880
1560
39
78
220
390
880
1560
93.2
57.8
33.0
25.6
17.5
14.8
128.2
74.8
42.9
32.8
22.1
18.5
3.5
4.5
6.8
9.0
13.5
18.0
4.0
5.0
7.8
10.0
14.5
19.0
0.14
0.18
0.35
0.41
0.59
0.89
2.3
3.2
4.9
6.5
10.0
13.0
0.6
0.7
0.8
0.9
1.1
1.4
2.8
3.4
5.3
6.5
10.0
13.0
Nom.
Max.
S114, S114D
S114DD (Note 4)
Min.
Max.
S114, S114D
S114DD
Min.
Max.
Min.
Max.
Coil Voltage (VDC)
Coil Resistance
(Ohms ± 10% @ 25°C)
Coil Current (mADC @ 25°C)
(S114DD Series only)
Pick-up Voltage (VDC, Max.)
Dropout Voltage (VDC)
±
0
.1
.2
.3
.4
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
FIGURE 1
TYPICAL RF PERFORMANCE (NOTE 10)
INSER
TION
LOSS
RETURN
LOSS
(VSWR)
ISOLA
TION
ACROSS
CONT
ACTS
ISOLA
TION ACROSS
POLES
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
FIGURE 2
TYPICAL DC CONTACT RATING (RESISTIVE)
PERFORMANCE CURVES
(NOTE 1)
(Note 4)
S114
S114D
S114DD


Similar Part No. - S114D-6

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S114D-12/Q TELEDYNE-S114D-12/Q Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-12/R TELEDYNE-S114D-12/R Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-26/Q TELEDYNE-S114D-26/Q Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-26/R TELEDYNE-S114D-26/R Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-5/Q TELEDYNE-S114D-5/Q Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results

Similar Description - S114D-6

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S172-5 TELEDYNE-S172-5 Datasheet
43Kb / 2P
   CENTIGRID SURFACE MOUNT COMMERCIAL RELAY DPDT
RF120-5 TELEDYNE-RF120-5 Datasheet
46Kb / 2P
   AEROSPACE CENTIGRID MAGNETIC-LATCHING R.F. RELAYS DPDT
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
RF170-5 TELEDYNE-RF170-5 Datasheet
43Kb / 2P
   COMMERCIAL CENTIGRID MAGNETIC LATCHING R.F. RELAYS DPDT
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
Teledyne Technologies I...
GRF172 TELEDYNE-GRF172 Datasheet
1Mb / 4P
   DPDT Non-Latching Surface Mount 2.5GHz RF Relay
07/2021
136C TELEDYNE-136C Datasheet
612Kb / 5P
   CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE
07/2021
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com