Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S114-9 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # S114-9
Description  CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S114-9 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  S114-9 Datasheet HTML 1Page - Teledyne Technologies Incorporated S114-9 Datasheet HTML 2Page - Teledyne Technologies Incorporated S114-9 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
58
NOTES:
1. Characteristics shown as “typical” are based on available data and are best estimates. No on-going verification tests are performed.
2. Unless otherwise specified, parameters are initial values.
3. Relays will exhibit no chatter in excess of 10 µsec or transfer in excess of 1 µsec.
4. For reference only. Coil resistance not directly measurable at relays terminals due to internal series semiconductor.
5. Measured at nominal voltage for 5 sec. max.
6. Position of leads as they emerge from relay base.
7. Leads will fit noted pad layout with no overhang.
8. Lead ends are coplanar within .008” wide tolerance zone.
9. Terminals coated with SN60 or SN63 solder per QQ-S-571. Kovar exposed at sheared end of leads.
10. RF performance curves based on 114 series relays.
6
5
4
3
7
8
1
2
6
5
4
3
7
8
1
2
(–)
(+)
6
5
4
3
7
8
1
2
(–)
(+)
TERMINAL LOCATIONS AND
SCHEMATIC DIAGRAMS
SCHEMATICS ARE VIEWED FROM TERMINALS
©1996
TELEDYNE RELAYS
12525 Daphne Avenue
Hawthorne, California 90250
SERIES S114
OUTLINE DIMENSIONS AND RECOMMENDED PAD LAYOUT (Notes 6, 7, 8 & 9)
.335 MAX
(8.51)
+.030
.378–.020 TYP
(9.60 +.76 )
–.51
.275 MAX
(6.99)
S114
TELEDYNE PART NUMBERING SYSTEM FOR SURFACE MOUNT RELAYS
SURFACE
MOUNT
.360 MAX
(9.14)
Ø.017 REF
(.43)
2° ± 2° TYP
.031 REF (.79)
.035 REF
(.89)
4° MAX TYP
4° MAX TYP
.100 TYP (2.54)
.375 SQ MAX
(9.53)
.200
(5.08)
.100 4 PL
(2.54)
.045 MIN 8 PL
(1.14)
.200
(5.08)
.410 MIN
(10.41)
.200
(5.08)
S
1
1
4
D
-2
6
SERIES NO.
DD = SUPPRESSION DIODE
DD = SUPPRESSION AND POLARITY PROTECTION DIODES
COIL VOLTAGE
S114D
S114DD


Similar Part No. - S114-9

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S114 NKK-S114 Datasheet
64Kb / 1P
   Low Capacity Standard Size Toggles
logo
Teledyne Technologies I...
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
logo
Seiko Instruments Inc
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
More results

Similar Description - S114-9

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S172-5 TELEDYNE-S172-5 Datasheet
43Kb / 2P
   CENTIGRID SURFACE MOUNT COMMERCIAL RELAY DPDT
RF120-5 TELEDYNE-RF120-5 Datasheet
46Kb / 2P
   AEROSPACE CENTIGRID MAGNETIC-LATCHING R.F. RELAYS DPDT
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
RF170-5 TELEDYNE-RF170-5 Datasheet
43Kb / 2P
   COMMERCIAL CENTIGRID MAGNETIC LATCHING R.F. RELAYS DPDT
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
Teledyne Technologies I...
GRF172 TELEDYNE-GRF172 Datasheet
1Mb / 4P
   DPDT Non-Latching Surface Mount 2.5GHz RF Relay
07/2021
136C TELEDYNE-136C Datasheet
612Kb / 5P
   CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE
07/2021
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com