Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UXE04140F4CR200 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # UXE04140F4CR200
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXE04140F4CR200 Datasheet(HTML) 8 Page - Vishay Siliconix

  UXE04140F4CR200 Datasheet HTML 1Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 2Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 3Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 4Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 5Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 6Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 7Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 8Page - Vishay Siliconix UXE04140F4CR200 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 28726
For technical questions, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 21-Aug-07
91
UXA 0204, UXB 0207, UXE 0414
High Precision Leaded Resistors
Vishay Beyschlag
4.22
6 (B4)
vibration
6 h; 10 Hz to 2000 Hz
1.5 mm or 196 m/s2
± (0.01 %
R + 0.01
Ω) ± (0.01 % R + 0.01 Ω)± (0.02 % R +0.01 Ω)
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
robustness of
terminations
tensile, bending and
torsion
± (0.01 %
R + 0.01
Ω) ± (0.01 % R + 0.01 Ω)± (0.02 % R +0.01 Ω)
4.7
-
voltage proof
URMS = 100 V; 60 s
no flashover or breakdown
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product
types:
UXA 0204
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 221 kΩ
-
UXB 0207
100
Ω to 250 kΩ
40.2
Ω to < 100 Ω;
> 250 k
Ω to 301 kΩ
10
Ω to < 40.2 Ω;
> 301 k
Ω to 1 MΩ
UXE 0414
100
Ω to 100 kΩ
22
Ω to < 100 Ω;
> 100 k
Ω to 511 kΩ
-


Similar Description - UXE04140F4CR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com