Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC723783N Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC723783N
Description  CMOS IC Electronic tuning system for car audio ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723783N Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC723783N Datasheet HTML 6Page - Sanyo Semicon Device LC723783N Datasheet HTML 7Page - Sanyo Semicon Device LC723783N Datasheet HTML 8Page - Sanyo Semicon Device LC723783N Datasheet HTML 9Page - Sanyo Semicon Device LC723783N Datasheet HTML 10Page - Sanyo Semicon Device LC723783N Datasheet HTML 11Page - Sanyo Semicon Device LC723783N Datasheet HTML 12Page - Sanyo Semicon Device LC723783N Datasheet HTML 13Page - Sanyo Semicon Device LC723783N Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LC723781N/723782N/723783N/723784/723785
No.8011-10/14
Continued from preceding page.
Pin name
Pin No.
I/O
Pin explanation
Equivalent circuit
FMIN
95
I
FM VCO (local oscillator) input.
This pin is selected with CW1 in the PLL instruction.
The signal input to this pin must be capacitor coupled.
Input is disabled in Backup mode, after a power on reset, and in the
PLL stopped state.
AM VCO (local oscillator) input.
This pin is selected and the band set with CW1 (b1, b0) in the PLL
instruction.
b1
b0
Band
1
0
2 to 40MHz (SW, AM upconversion)
1
1
0.5 to 10MHz (MW, LW)
AMIN
94
I
The signal input to this pin must be capacitor coupled.
Input is disabled in Backup mode, after a power on reset, and in the
PLL stopped state.
Sub-charge pump output and general-purpose input shared function
port.
The IOS2 instruction is used for switching between the sub-charge
pump output and general-purpose input functions.
• When used as the sub-charge pump output :
The sub-charge pump output function is set up with the IOS2
instruction.
A high-speed locking circuit can be formed by using this pin in
conjunction with the main charge pump.
The sub-charge pump is controlled using the DZC instruction.
b3
b2
Operation
0
0
High impedance
0
1
Only operates when the PLL is unlocked
(450kHz)
1
0
Only operates when the PLL is unlocked
(900kHz)
1
1
Normal operation
SUBPD
92
I/O
• When used as a general-purpose input :
The general-purpose input function is set up with the IOS2
instruction.
Data is read from the port using the INR instruction.
This pin goes to the high-impedance state in Backup mode, after a
power on reset, and in the PLL stopped state.
INEO
91
I
Dedicated input port.
Data is read from the port using the INR instruction
Input is disabled in Backup mode.
Continued on next page.


Similar Part No. - LC723783N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723740 SANYO-LC723740 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723748 SANYO-LC723748 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723756 SANYO-LC723756 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723764 SANYO-LC723764 Datasheet
230Kb / 14P
   ETR Microcontrollers
More results

Similar Description - LC723783N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com