Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX22R1E-02 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DX22R1E-02
Description  3A to 220 Vdc DIN Rail Relay, AC/DC Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DX22R1E-02 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DX22R1E-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated DX22R1E-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DX 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
DX\032003\Q1
OUTPUT (LOAD) SPECIFICATION
Min
Max
Unit
Operating Range
DX22R1E-02
2
220
V
DX6
2
60
V
Peak Voltage
DX22R1E-02
220
V
DX6
60
V
Load Current Range
DX22R1E-02
.003
1
A
DX6R3E-02
.003
3
A
DX6R3U-02
.005
3
A
On-State Voltage Drop
1.6
V
Maximum Surge Current Rating (Non-Repetitive)
DX22R1E-02
3
Apeak
DX6R3E-02
5
Apeak
DX6R3E-02
10
Apeak
Series DX
INPUT (CONTROL) SPECIFICATION
Min
Max
Unit
Control Range
DX22R1E-02
5
30
Vdc
DX6R3E-02
3
30
Vdc
DX6R3U-02
90
240
Vac/dc
Input Current Range
DX22R1E-02
1
30
mA
DX6R3E-02
1
30
mA
DX6R3U-02
2
5.7
mA
Must Turn-Off Voltage
DX22R1E-02
1
Vdc
DX6R3E-02
1
Vdc
DX6R3U-02
15
Vac/dc
Input Resistance (Typical)
DX22R1E-02
1000
Ohms
DX6R3E-02
600
Ohms
DX6R3U-02
41,000
Ohms
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Operating Temperature
–40
80
°C
Storage Temperature
–40
105
°C
Input-Output Isolation
2500
Vrms
Input-Output Capacity
8
pF
NOTES:
1. Electrical specifications at 25
°C unless otherwise specified.
2. On inductive loads, a free-wheeling diode (or clamp) is recommended.
3. For additional/custom options, contact factory.
Ambient Temperature (
°C)
1
2
3
4
5
6
010
20
30
40
50
6070
80
90
100
DX22R1E-02
DX6
Vcontrol
max
See input voltage range
Vcontrol
min
Vcontrol
min
Vcontrol
max
THERMAL CURVES
OUTPUT (LOAD) SPECIFICATION (Continued)
Min
Max
Unit
Off-State Leakage Current (60Hz)
DX22R1E-02
0.3
mA
DX6R3E-02
0.3
mA
DX6R3E-02
1
mA
Turn-On Time
0.2
ms
Turn-Off Time
0.8
ms
Off-State dv/dt
200
V/
µs
Switching Frequency
500
Hz
Figure 4 — DX relays


Similar Part No. - DX22R1E-02

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX20-100P-CP3 HIROSE-DX20-100P-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX20-100P-CR2A HIROSE-DX20-100P-CR2A Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX20-100P-CR3 HIROSE-DX20-100P-CR3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX20-100P-LNA HIROSE-DX20-100P-LNA Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX20-100S-CP3 HIROSE-DX20-100S-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
More results

Similar Description - DX22R1E-02

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Chinfa Electronics Ind....
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-240 CUI-VDRS-240 Datasheet
294Kb / 7P
   AC-DC DIN RAIL
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-60 CUI-VDRS-60_V01 Datasheet
347Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-150 CUI-VDRS-150 Datasheet
328Kb / 7P
   AC-DC DIN RAIL
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com