Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRL48D35-21 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DRL48D35-21
Description  Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DRL48D35-21 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DRL48D35-21 Datasheet HTML 1Page - Teledyne Technologies Incorporated DRL48D35-21 Datasheet HTML 2Page - Teledyne Technologies Incorporated DRL48D35-21 Datasheet HTML 3Page - Teledyne Technologies Incorporated DRL48D35-21 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
DRL 1
DRL\032003\Q1
Single Output to 35A 510 Vac
DIN-Rail Solid-State Relay
FEATURES/BENEFITS
• Mounting and dismounting on DIN rail without
any tool or directly mountable on panel
• Zero-cross and random models; thyristors output
• Large control range
• Green control LED
• Very high immunity
• Low leakage current
• Internal transient suppression
DESCRIPTION
The Series DRL single-phase DIN-rail relays are
designed for all types of loads. The relays utilize
optical isolation to protect the control from load
transients. DRL relays have an integral heat sink, and
can be mounted and dismounted onto a DIN rail
without any tools. The relays may also be panel
mounted. All relays offer a green control LED and
transient suppression.
APPLICATIONS
• Heating control
• Motor control
• Industrial and process control
APPROVALS
Series DRL relays are pending UL recognition.
Part Number
Description
DRL48R35
35A 510 Vac Output
DRL48D35-21
35A 480 Vac Output
DRL48D35
35A 510 Vac Output
DRL48A35-22
35A 510 Vac Output
DRL48A35
35A 510 Vac Output
Part Number Explanation
NEW Series DRL
NOTES
1) Line Voltage (nominal): 48 = 480 Vac
2) Switch Type: D = Zero-cross turn-on; A = Zero-cross, AC control;
R = Random turn-on
3) Features: -21 = Self turn-on suppression; -22 = 24 Vac control
MECHANICAL SPECIFICATION
DRL
48
D
35
-21
Figure 1 — DRL relay; dimensions in inches (mm)


Similar Part No. - DRL48D35-21

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRL-01 MEANWELL-DRL-01 Datasheet
42Kb / 1P
   Mounting Accessories
logo
Advantech Co., Ltd.
DRL-01 ADVANTECH-DRL-01 Datasheet
267Kb / 1P
   ?쏬??Mounting Brackets ??for Mean Well Power Supplies
logo
Mean Well Enterprises C...
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
   Mounting Accessories
DRL-03A MEANWELL-DRL-03A Datasheet
48Kb / 1P
   Mounting Accessories
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
More results

Similar Description - DRL48D35-21

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com