Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRD48D25 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # DRD48D25
Description  Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DRD48D25 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  DRD48D25 Datasheet HTML 1Page - Teledyne Technologies Incorporated DRD48D25 Datasheet HTML 2Page - Teledyne Technologies Incorporated DRD48D25 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
DRD 3
DRD\032003\Q1
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Storage Temperature
–30
100
°C
Operating Temperature
–30
80
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
4000
Vrms
Insulation Resistance
100
MΩ
Rated Impulse Voltage
4000
V
PANEL MOUNTING
Figure 7 — DRD relay
Recommended to connect
DIN rail to ground.
Mounting
Dismounting
DIN-RAIL MOUNTING
Figure 6 — DRD relay
wires
(mm2)
torques
screwdriver
control
1 x (0.75-->2.5)
L = 6mm
0.4N.m
(0.6N.m max)
3.5 x 0.5mm
Power
1 x (1.5-->16) 1 x (1.5-->10)
L = 10mm
1.2N.m
(1.8N.m max)
Pozidriv2/
0.8 x 5.5 (1 x 6)
L
L
CONNECTIONS
Figure 8 — DRD relay
NOTES:
1. Connections: For output terminals, the wire cross sections must be
adapted to the load current and to the overcurrent protection device
characteristics. The relay rated voltage must be adapted to the mains
rated voltage. These relays use screw clamp connections.
2. Mounting: Should be in the vertical
position. Protect heat-sensitive
materials as well as people from contact
with the heat sink. For non-vertical
mounting, the load current must be 50%
derated. The SSR needs air convection
through the heat sink. Lack of air
convection produces abnormal heating.
Keep a distance between the upper
SSR and the lower SSR (see figure on
the right). In case of zero space
between two SSRs, reduce the load
current. It’s suggested to keep the heat
sink temperature under 90°C. Forced
cooling significantly improves the
thermal performance.
3. Typical application loads: The DRD
relay is designed for resistive and motor loads. For other loads, check
the inrush current at turn-ON and possible
overvoltages at turn-OFF or contact factory.
4. Protection: To protect the SSR against a
short-circuit of the load, use a fuse with a I2t
value = 1/2 I2t value.
5. EMC:
Immunity: lmmunity levels of the DRD comply
with EN61000-4-4 & 5.
Emission: The system integrator must ensure
that systems containing SSRs comply with
the requirements of any rules and regulations
applicable at the system level. The very low
zero-cross voltage (<20V) improves the
conducted emission level in comparison with
most SSRs with zero-cross voltage higher
than 50V.
6. All electrical parameters specified at 25°C
unless otherwise noted.
Load
Fuse
L1
T1
1 ~
control 1
A2 A1
L2
T2
2 ~
A2 A1
control 2
3 ~
+
+
3.15 inches
(80mm)
vertical
position
OUTPUT (LOAD) SPECIFICATION (Continued)
Min
Max
Unit
Operating Frequency Range 0.1
440
Hz
Off-State dv/dt
500
V/µs
I2t for match fusing (<8.3ms)
DRD48D25
5000
A2S
All others
1500
A2S
M5
.5 (12.7)
M4
3.47±.08
(88±2)
Series DRD


Similar Part No. - DRD48D25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRD48D06 CRYDOM-DRD48D06 Datasheet
811Kb / 6P
   Dual Output with Ratings of 6 Amps each channel
DRD48D06 CRYDOM-DRD48D06 Datasheet
716Kb / 6P
   DIN Rail Mount
DRD48D06X CRYDOM-DRD48D06X Datasheet
685Kb / 6P
   DIN Rail Mount
DRD48D06XR CRYDOM-DRD48D06XR Datasheet
685Kb / 6P
   DIN Rail Mount
DRD48D06XR CRYDOM-DRD48D06XR Datasheet
716Kb / 6P
   DIN Rail Mount
More results

Similar Description - DRD48D25

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
   Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com