Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UXA02040G1TRP00 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UXA02040G1TRP00
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXA02040G1TRP00 Datasheet(HTML) 4 Page - Vishay Siliconix

  UXA02040G1TRP00 Datasheet HTML 1Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 2Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 3Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 4Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 5Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 6Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 7Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 8Page - Vishay Siliconix UXA02040G1TRP00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28726
For technical questions, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 21-Aug-07
87
UXA 0204, UXB 0207, UXE 0414
High Precision Leaded Resistors
Vishay Beyschlag
Notes:
(1) Resistance values to be selected from the E192 series, for other values please contact the factory.
(2) TCR 10 and TCR 05 are specified over the temperature range from - 20
°C to + 85 °C.
(3) TCR 02 is specified over the temperature range from 0
°C to + 60 °C.
DESCRIPTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
ceramic body (85 % Al2O3) and conditioned to achieve the
desired
temperature
coefficient.
Nickel
plated
steel
termination caps are firmly pressed on the metallized rods.
Special laser devices are used repeatedly to achieve the
target value by slowly and smoothly cutting a helical groove
in the resistive layer without damaging the ceramics. A
further conditioning is applied in order to stabilise the
trimming result. Connecting wires of electrolytic copper
plated with pure tin are welded to the termination caps. The
resistors are covered by protective coating designed for
electrical,
mechanical
and
climatic
protection.The
terminations receive a final pure tin on nickel plating. Script
marking designates the resistance value plus coded TCR
and tolerance.
The result of the determined production is verified by an
accelerated
ageing
(burn-in)
and
extensive
testing
procedure performed on 100 % of the individual resistors.
Only accepted products are stuck directly on the adhesive
tapes in accordance with IEC 60286-1.
ASSEMBLY
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Excellent solderability is proven, even after extended
storage. They are suitable for automatic soldering using
wave or dipping. The encapsulation is resistant to all
cleaning solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system.
APPROVALS
Where applicable, the resistors are tested in accordance with
CECC 40101-806 which refers to EN 60115-1 and
EN 140100.
Vishay
BEYSCHLAG
has
achieved
"Approval
of
Manufacturer" in accordance with EN 100114-1
PACKAGING
MODEL
REEL
BOX
BANDOLIER ON REEL
CODE
PIECES/BOX
CODE
UXA
1000
R1
100
1000
CU
C1
UXB
1000
5000
R1
RP
100
1000
CU
C1
UXE
2500
R2
100
1000
CU
C1
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE (1)
TCR
TOLERANCE
UXA 0204
UXB 0207
UXE 0414
± 10 ppm/K (2)
± 0.25 %
22
Ω to 221 kΩ
10
Ω to 1 MΩ
-
± 0.1 %
43
Ω to 221 kΩ
10
Ω to 1 MΩ
22
Ω to 511 kΩ
± 0.05 %
100
Ω to 180 kΩ
24
Ω to 301 kΩ
100
Ω to 301 kΩ
± 0.01 %
200
Ω to 150 kΩ
24
Ω to 301 kΩ
-
± 05 ppm/K (2)
± 0.25 %
47
Ω to 150 kΩ
10
Ω to 1 MΩ
-
± 0.1 %
47
Ω to 150 kΩ
10
Ω to 1 MΩ
47
Ω to 301 kΩ
± 0.05 %
100
Ω to 150 kΩ
24
Ω to 221 kΩ
100
Ω to 301 kΩ
± 0.01 %
200
Ω to 150 kΩ
24
Ω to 221 kΩ
-
± 02 ppm/K (3)
± 0.25 %
100
Ω to 100 kΩ
100
Ω to 150 kΩ
-
± 0.1 %
100
Ω to 100 kΩ
100
Ω to 150 kΩ
-
± 0.05 %
150
Ω to 100 kΩ
150
Ω to 150 kΩ
-
± 0.01 %
200
Ω to 100 kΩ
200
Ω to 150 kΩ
-


Similar Description - UXA02040G1TRP00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com