Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR48D30 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # DR48D30
Description  Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DR48D30 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  DR48D30 Datasheet HTML 1Page - Teledyne Technologies Incorporated DR48D30 Datasheet HTML 2Page - Teledyne Technologies Incorporated DR48D30 Datasheet HTML 3Page - Teledyne Technologies Incorporated DR48D30 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
DR 3
DR\032003\Q1
OUTPUT (LOAD) SPECIFICATION
Min
Max
Unit
Operating Range
DR24
12
275
Vrms
DR48D25-21
12
480
Vrms
DR48
24
510
Vrms
Peak Voltage
DR24
600
Vpeak
DR48
1200
Vpeak
Clamping Voltage
DR24 (@1mA)
430
V
DR48D25-21 (ON voltage, typical) 950
V
DR48 (@1mA)
820
V
Load Current Range (See Figure 4)
DRXXX25-XX
.005
25
Arms
DR48D30
.005
30
Arms
Zero-Cross Window (Typical)
DR24
10
V
DR48D25-21
10
V
DR48R25
Random
DR48D25
20
V
DR48A25
20
V
DR48A25-22
20
V
DR48D30
20
V
Non-Repetitive Overload Current (See Figure 5)
DR24
250
A
DR48X25
550
A
DR48D30
1000
A
On-State Voltage Drop (Typical)
DR24
0.85
V
DR48X25
0.9
V
DR48D30
0.75
V
Output Power Dissipation (Typical)
DR24
0.9xI+0.015xI2
W
DR48X25
0.81xI+0.08xI2
W
DR48D30
0.7xI+0.08xI2
W
Series DR
Thermal Resistance (Junction to Air)
DR24
3.8
°C/W
DR48X25
3.3
°C/W
DR48D30
3.2
°C/W
Off-State Leakage Current (60Hz)
1
mA
Turn-On Time (60Hz)
DRXXD
8.3
ms
DRXXA
24.9
ms
DR48R25
0.1
ms
Turn-Off Time (60Hz)
DRXXD
8.3
ms
DRXXA
24.9
ms
DR48R25
8.3
ms
Operating Frequency Range 0.1
440
Hz
Off-State dv/dt
500
V/µs
I2t for match fusing (<8.3ms)
DR24
312
A2S
DR48X25
1500
A2S
DR48D30
5000
A2S
OUTPUT (LOAD) SPECIFICATION (Continued)
Min
Max
Unit
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Storage Temperature
–30
100
°C
Operating Temperature
–30
80
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
DR24
2500
Vrms
DR48
4000
Vrms
Insulation Resistance
100
MΩ
Rated Impulse Voltage
4000
V


Similar Part No. - DR48D30

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR48D03 CRYDOM-DR48D03 Datasheet
950Kb / 7P
   DIN Rail Mount
logo
Sensata Technologies, I...
DR48D03 SENSATA-DR48D03 Datasheet
336Kb / 6P
   DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR48D03R CRYDOM-DR48D03R Datasheet
854Kb / 7P
   SeriesOne DR Series
DR48D03X CRYDOM-DR48D03X Datasheet
927Kb / 7P
   DIN Rail Mount
DR48D03XR CRYDOM-DR48D03XR Datasheet
927Kb / 7P
   DIN Rail Mount
More results

Similar Description - DR48D30

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
logo
Schneider Electric
SSM1A430BD SCHNEIDER-SSM1A430BD Datasheet
104Kb / 4P
   solid state relay - DIN rail mount - input 4-32Vdc output 48-660Vac, 30A
SSM1A430M7 SCHNEIDER-SSM1A430M7 Datasheet
113Kb / 5P
   Solid State Relay, Zelio Relay, zero voltage switching, DIN rail mount, 30A, 92 to 280VDC input, 48 to 660VAC output
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com