Part Name
         Description
PHE843

 EMI suppressor, class X2, metallized polypropylene 0.01-6.8 uF, 275/280 VAC, +105C For replacement, see PHE840M ( 2 Page)


ETC2
100% 
Zoom Out Zoom In
   
 2 page
background image
153
Not
for
new
design
use
PHE840M
PHE843
ARTICLE TABLE
LEAD SPACING 10 MM
0.068
5.0
11.0
13.0
10.0
800
700
1.0
7.5
100
√√√
PHE843MA5680MR17
0.10
6.0
12.0
13.0
10.0
600
500
1.2
6.0
100
√√√
PHE843MA6100MR17
LEAD SPACING 15 MM
0.15
7.5
14.5
18.0
15.0
400
400
2.2
2.8
100
√√√
PHE843MB6150MR17
0.22
8.0
15.0
18.0
15.0
400
400
2.9
2.5
100
√√√
PHE843MB6220MR17
0.33
9.5
17.5
18.0
15.0
300
350
3.5
2.0
100
√√√
PHE843MB6330MR17
LEAD SPACING 22.5 MM
0.47
9.0
18.5
26.0
22.5
168
5.0
1.5
100
√√√
PHE843MD6470MR06L2
0.68
10.5
19.0
26.0
22.5
264
6.6
1.2
100
√√√
PHE843MD6680MR06L2
1.0
13.5
23.0
26.0
22.5
209
10.0
1.0
100
√√√
PHE843MD7100MR06L2
LEAD SPACING 27.5 MM
1.5
14.5
24.5
31.5
27.5
153
14.5
0.87
100
√√√
PHE843MF7150MR06L2
2.2
17.5
28.0
31.5
27.5
126
17.0
0.78
100
√√√
PHE843MF7220MR06L2
3.3
21.0
30.0
31.5
27.5
108
22.6
0.66
100
√√√
PHE843MF7330MR06L2
LEAD SPACING 37.5 MM
4.7
19.0
36.0
41.0
37.5
91
28.5
0.44
100
√√√
PHE843MR7470MR06L2
6.8
21.0
38.0
41.0
37.5
84
34.4
0.39
100
√√√
PHE843MR7680MR06L2
Quantity per package
Capaci- Max dimensions
reel
Max
Approvals
tance
in mm
Bulk
Tray
taped
Weight f
0
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
S
EN 132400
0045274/01
UL
UL 1283 (U
R = 275 VAC)
E100117
UL 1414 (U
R = 250 VAC)
E73869
cUL recognition
C 22.2 No. 8 (U
R = 275 VAC)
E100117
(CSA)
C 22.2 No. 1 (U
R = 250 VAC)
E73869
ORDERING INFORMATION
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
per article table.
Reels with taped capacitors are packed
10 in a box with dimension 370 x 370 x 560
mm. Quantity/reel according to article table.
The standard quantity/reel is for 360 mm
reel. If 500 mm reel is required, it must be
specified when ordering and the quantity is
2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• X2
• Approval marks
• Manufacturing date code
• IEC climatic category
• Passive flammability class
The article code for the standard part is given in the article table.
For other options, see page 21.
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PHE840EEMI suppressor class X2 metallized polypropylene 0.01-10 uF 300 VAC +105C 1 2 3 List of Unclassifed Manufacturers
PME271YEMI suppressor class Y2 metallized paper 1 2 3 List of Unclassifed Manufacturers
B32343Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase 1 2 3 4 5 MoreEPCOS
MA3075WALT1_05Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection 1 2 3 4 ON Semiconductor
EMIF06-SD02F36 line EMI filter and ESD protection for SD card 1 2 3 STMicroelectronics
RDR-83Reference Design Report for 1.6 W Linear Replacement Adapter with 10 kV surge withstand 1 2 3 4 5 MorePower Integrations, Inc.
FAE381-A07Compact AM/FM Electronic Tuner for Popular Class Home Stereo 1 2 Mitsumi Electronics, Corp.
MPE_1METALLIZED POLYPROPYLENE FILM CAPACITORS 1 2 3 4 RUBYCON CORPORATION
DLBM-CS220A Class 2 Bluetooth V1.2 HCI module Suitable for various applications. 1 2 3 4 5 MoreDelta Electronics, Inc.
MKP378AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type 1 2 3 4 5 MoreVishay Siliconix

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl