Part Name
         Description
PHE843

 EMI suppressor, class X2, metallized polypropylene 0.01-6.8 uF, 275/280 VAC, +105C For replacement, see PHE840M ( 2 Page)


ETC2
100% 
Zoom Out Zoom In
   
 1 page
background image
152
Not
for
new
design
use
PHE840M
PHE843
• EMI suppressor, class X2, metallized polypropylene
• 0.01 – 6.8 µF, 275/280 VAC, +105°C
• For replacement, see PHE840M
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
For worldwide use as electromagnetic
interference suppressor in all X2 and across-
the-line applications.
Metallized polypropylene winding,
encapsulated in self-extinguishing material
meeting the requirements of UL 94 V–0.
ENVIRONMENTAL TEST DATA
Endurance
IEC 60384–14
1.25 x U
R VAC 50 Hz,
once every hour increased
to 1000 VAC for 0.1 s,
1000 h at upper rated temperature
Vibration
IEC 60068–2–6
3 directions at 2 hours each,
No visible damage
Test Fc
10–55 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Bump
IEC 60068–2–29
1000 bumps at
No visible damage
Test Eb
390 m/s2
No open or short circuit
Change of temperature
IEC 60068–2–14
Upper and lower rated
No visible damage
Test Na
temperature 5 cycles
Active flammability
EN 132400
Passive flammability
IEC 60384-14 (1993)
Enclosure material of
EN 132400
UL94V–0 flammability class
UL1414
Humidity
IEC 60068-2-3
+40°C and
56 days
Test Ca
90 – 95% R.H.
p
d
std l
max l
b
10.0 ± 0.4
0.6
17
30
±0.4
15.0 ± 0.4
0.8
17
30
±0.4
22.5 ± 0.4
0.8
6
30
±0.4
27.5 ± 0.4
0.8
6
30
±0.4
37.5 ± 0.5
1.0
6
30
±0.7
Tolerance in lead length
< 30 mm
mm
≥ 30 mm
mm
+0
–1
+5
–0
L
H
B
p
l
∅ d
0.5
b
Rated voltage
275 VAC 50/60 Hz (ENEC)
280 VAC 50/60 Hz (UL, CSA)
Capacitance range
0.01 – 6.8 µF
Capacitance tolerance
± 20% standard, ± 10% option
Temperature range
–40 to +105°C
Climatic category
40/105/56/B
Approvals
S, UL, CSA
Dissipation factor tan
δδδδδ
Maximum values at +23°C
C
≤ 0.1 µF
0.1µF < C
≤ 1 µF
C > 1 µF
1 kHz
0.1%
0.1%
0.1%
10 kHz
0.2%
0.4%
0.8%
100 kHz
0.6%
––
Test voltage between
The 100% screening factory test is carried out at
terminals
2200 VDC. The voltage level is selected to meet the
requirements in applicable equipment standards. All
electrical characteristics are checked after the test.
Resonance frequency
Tabulated self-resonance frequencies f
0 refer to
5 mm lead length.
Insulation resistance
C
≤ 0.33 µF: 30 000 M
C > 0.33 µF:
10 000 s
In DC applications
Recommended voltage:
≤ 630 VDC
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PHE840EEMI suppressor class X2 metallized polypropylene 0.01-10 uF 300 VAC +105C 1 2 3 List of Unclassifed Manufacturers
PME271YEMI suppressor class Y2 metallized paper 1 2 3 List of Unclassifed Manufacturers
B32343Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase 1 2 3 4 5 MoreEPCOS
MA3075WALT1_05Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection 1 2 3 4 ON Semiconductor
EMIF06-SD02F36 line EMI filter and ESD protection for SD card 1 2 3 STMicroelectronics
RDR-83Reference Design Report for 1.6 W Linear Replacement Adapter with 10 kV surge withstand 1 2 3 4 5 MorePower Integrations, Inc.
FAE381-A07Compact AM/FM Electronic Tuner for Popular Class Home Stereo 1 2 Mitsumi Electronics, Corp.
MPE_1METALLIZED POLYPROPYLENE FILM CAPACITORS 1 2 3 4 RUBYCON CORPORATION
DLBM-CS220A Class 2 Bluetooth V1.2 HCI module Suitable for various applications. 1 2 3 4 5 MoreDelta Electronics, Inc.
MKP378AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type 1 2 3 4 5 MoreVishay Siliconix

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl