Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200CLA120 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM200CLA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CLA120 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM200CLA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM200CLA120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CLA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not be al-
lowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
10%
90%
trr
Irr
tr
td(on)
tc(on)
tc(off)
td(off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td(on) + tr)
(toff= td(off) + tf)
VD (all)
IN
Fo
Fo
Fo
IN
Fo
VD (all)
VCIN
(0V)
Ic
V
V
VCIN
(15V)
Ic
CS
CS
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
Fo
Fig. 3 Switching time and SC test circuit
Fig. 4 Switching time test waveform
Fig. 1 VCE(sat) Test
Fig. 2 VEC Test
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
VCIN
Fig. 7 Dead time measurement point example
Fig. 5 ICES Test
Fig. 6 SC test waveform
SC
Short Circuit Current
toff(SC)
VD (all)
U,V,W, (N)
P, (U,V,W)
A
Pulse
VCE
VCIN
(15V)
Ic
Fo
IN
Fo
0V
1.5V
1.5V
1.5V
2V
2V
2V
0V
t
t
tdead
tdead
tdead
1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value
IPM’ input signal VCIN
(Upper Arm)
IPM’ input signal VCIN
(Lower Arm)
Constant Current


Similar Part No. - PM200CLA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
More results

Similar Description - PM200CLA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com