Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7150V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV7150V
Description  Bi-CMOS IC Switch for the Wideband Video Signal (with LPF)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV7150V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV7150V Datasheet HTML 1Page - Sanyo Semicon Device LV7150V Datasheet HTML 2Page - Sanyo Semicon Device LV7150V Datasheet HTML 3Page - Sanyo Semicon Device LV7150V Datasheet HTML 4Page - Sanyo Semicon Device LV7150V Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LV7150V
No.A0896-3/5
Continued from preceding page.
Input signal
Out
Ratings
Parameter
Input
Point
Signal
Freq
Mag
Point
Test Condition
min
typ
max
unit
Group Delay
Group Delay 1
at LPF-OFF
Py/Pb/Pr
R/G/B
T1A T2A
T4A T5A
T7A T8A
SIG2
60M
100k
300mVpp
T15
T13
T11
LPF-OFF is selected
f=60MHz/100kHz
0.5
2.0
ns
Group Delay 2
at LPF-ON
Py/Pb/Pr
R/G/B
T1A T2A
T4A T5A
T7A T8A
SIG2
6M
100k
300mVpp
T15
T13
T11
6M_LPF-ON is selected
f=6MHz/100kHz
40.0
70.0
ns
Group Delay 3
at LPF-ON
Py/Pb/Pr
R/G/B
T1A T2A
T4A T5A
T7A T8A
SIG2
12M
100k
300mVpp
T15
T13
T11
12M_LPF-ON is selected
f=12MHz/100kHz
20.0
40.0
ns
Group Delay 4
at LPF-ON
Py/Pb/Pr
R/G/B
T1A T2A
T4A T5A
T7A T8A
SIG2
30M
100k
300mVpp
T15
T13
T11
30MHz_LPF-ON is selected
f=30MHz/100kHz
10.0
20.0
ns
Package Dimensions
unit : mm (typ)
3178B
Pin Control Table
Pin Control Table
SW No.
Pin No.
SW function name
SW1
Pin12
CLAMP/BIAS_CTL
SW2
Pin10
Filter_CTL1
SW3
Pin9
Filter_CTL2
SW4
Pin14
Input_Select_CTL
Input Control Table
CLAMP/BIAS_CTL
Mode selected
Low(0 to 0.7V)
CLAMP_ON(Component_Mode)
High(2.3V to VCC)
BIAS_ON(RGB_Mode)
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15


Similar Part No. - LV7150V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV7150V SANYO-LV7150V Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
More results

Similar Description - LV7150V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Nippon Precision Circui...
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
logo
Sanyo Semicon Device
LV7107M SANYO-LV7107M Datasheet
916Kb / 35P
   Bi-CMOS IC For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
logo
New Japan Radio
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
   VIDEO AMPLIFIER WITH LPF
logo
Panasonic Semiconductor
AN15865A PANASONIC-AN15865A Datasheet
460Kb / 37P
   The video switch IC including the synchronous separation function for TV
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com