Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMF3926-100 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # DMF3926-100
Description  Chip On Board Mixer Quads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DMF3926-100 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  DMF3926-100 Datasheet HTML 1Page - Skyworks Solutions Inc. DMF3926-100 Datasheet HTML 2Page - Skyworks Solutions Inc. DMF3926-100 Datasheet HTML 3Page - Skyworks Solutions Inc. DMF3926-100 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
April 19, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200271 Rev. D
DATA SHEET • CHIP-ON-BOARD MIXER QUADS
2
VF @ 1 mA
(
∆∆) VF @ 1 mA1
CJ @ 0 V
(
∆∆) CT @ 0 V2
RT @ 10 mA
Outline
Part Number
Barrier
(mV)
(mV)
(pF)
(pF)
(
Ω)
Drawing
Min.
Max.
Max.
Min.
Max.
Max.
Max.
Ring Quad (to 6 GHz)
DMF3926-101
Low
200
260
15
0.3
0.5
0.07
8
101
DME3927-101
Medium
300
400
15
0.3
0.5
0.07
8
101
DMJ3928-101
High
525
625
15
0.3
0.5
0.07
8
101
Crossover Ring Quad (to 6 GHz)
DMF3926-100
Low
200
260
15
0.3
0.5
0.07
8
100
DME3927-100
Medium
300
400
15
0.3
0.5
0.07
8
100
DMJ3928-100
High
525
625
15
0.3
0.5
0.07
8
100
Back-to-Back Crossover Quad (to 6 GHz)
DMF3945-103
Low
200
260
15
0.3
0.5
0.07
8
103
DME3946-103
Medium
300
400
15
0.3
0.5
0.07
8
103
DMJ3947-103
High
525
625
15
0.3
0.5
0.07
8
103
VF @ 1 mA
(
∆∆) VF @
CJ @ 0 V
(
∆∆) CT @ 0 V2
RT @ 10 mA
VB @ 10 µ
µA
Outline
Part Number
Barrier
(mV)
1 mA1 (mV)
(pF)
(pF)
(
Ω)
(V)
Drawing
Min.
Max.
Max.
Min.
Max.
Max.
Max.
Min.
Bridge Quad (to 6 GHz)
DMF3929-102
Low
200
260
15
0.3
0.5
0.07
82
102
DME3930-102
Medium
300
400
15
0.3
0.5
0.07
83
102
DMJ3931-102
High
525
625
15
0.3
0.5
0.07
84
102
Electrical Specifications at 25 °C
SPICE Model Parameters (Per Junction)
DMF3926
DME3927
DMJ3928
DMF3929
DME3930
DMJ3931
Parameter
Unit
DMF3945
DME3946
DMJ3947
IS
A
2.5E–07
1.3E–09
9.0E–13
RS
44
4
N
1.04
1.04
1.04
TT
s
1E–11
1E–11
1E–11
CJ0
pF
0.42
0.39
0.39
M
0.32
0.37
0.42
EG
eV
0.69
0.69
0.69
XTI
22
2
FC
0.5
0.5
0.5
BV
V2
3
4
IBV
A
1E–05
1E–05
1E–05
VJ
V
0.495
0.595
0.8
1. Forward voltage difference between package electrodes.
2. Capacitance difference between package electrodes.


Similar Part No. - DMF3926-100

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DMF3938-257 SKYWORKS-DMF3938-257 Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
More results

Similar Description - DMF3926-100

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com