Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8051PL Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV8051PL
Description  Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8051PL Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV8051PL Datasheet HTML 3Page - Sanyo Semicon Device LV8051PL Datasheet HTML 4Page - Sanyo Semicon Device LV8051PL Datasheet HTML 5Page - Sanyo Semicon Device LV8051PL Datasheet HTML 6Page - Sanyo Semicon Device LV8051PL Datasheet HTML 7Page - Sanyo Semicon Device LV8051PL Datasheet HTML 8Page - Sanyo Semicon Device LV8051PL Datasheet HTML 9Page - Sanyo Semicon Device LV8051PL Datasheet HTML 10Page - Sanyo Semicon Device LV8051PL Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LV8051PL
No.A0001-7/14
Pin Function
Pin No.
Pin name
Pin function
6
VMA
PWM: Channels 1, 2 and 3 motor power supply connection
8
OUT1A
PWM: Channel 1 OUTA output
7
OUT1B
PWM: Channel 1 OUTB output
9
PWM1
PWM: Channel 1 PWM signal input
5
OUT2A
PWM: Channel 2 OUTA output
4
OUT2B
PWM: Channel 2 OUTB output
10
PWM2
PWM: Channel 2 PWM signal input
2
OUT3A
PWM: Channel 3 OUTA output
1
OUT3B
PWM: Channel 3 OUTB output
11
PWM3
PWM: Channel 3 PWM signal input
3
PGNDA
PWM: Channels 1, 2 and 3 power ground
19
VMB
PWM: Channels 4, 5 constant current, Channel 6 motor power supply connection
17
OUT4A
PWM: Channel 4 OUTA output
18
OUT4B
PWM: Channel 4 OUTB output
12
PWM4
PWM: Channel 4 PWM signal input
20
OUT5A
PWM: Channel 5 OUTA output
21
OUT5B
PWM: Channel 5 OUTB output
13
PWM5
PWM: Channel 5 PWM signal input
22
PGNDB
PWM: Channels 4, 5 power ground
23
OUT6A
Constant current drive: Channel 6 OUTA output
25
OUT6B
Constant current drive: Channel 6 OUTB output
24
SEN6
Constant current drive: Channel 6 current sensing resistor connection
15
IN61
Constant current drive: Channel 6 logic input pin 1
16
IN62
Constant current drive: Channel 6 logic input pin 2
28
FC6
Constant current drive: Channel 6 phase compensation capacitor connection
27
VC6
Constant current drive: Channel 6 start-up correction capacitor connection
32
SCLK
Serial data transfer clock input
31
DATA
Serial data input
30
STB
Serial data latch pulse input
14
ST
Chip enable
29
VCC
Logic system power connection
26
GND
Signal system ground


Similar Part No. - LV8051PL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8052GP SANYO-LV8052GP Datasheet
145Kb / 13P
   Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
LV8052LP SANYO-LV8052LP Datasheet
145Kb / 13P
   Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
More results

Similar Description - LV8051PL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8042LG SANYO-LV8042LG Datasheet
201Kb / 29P
   Bi-CMOS IC For Digital Still Cameras 7-Channel Single-Chip Motor Driver ICs
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
LV8052GP SANYO-LV8052GP Datasheet
145Kb / 13P
   Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
LV8044LP SANYO-LV8044LP Datasheet
463Kb / 25P
   Bi-CMOS LSI For Digital Still Camera 6-channel Motor Driver IC
LV8048CS SANYO-LV8048CS Datasheet
820Kb / 28P
   For Digital Still Cameras Single-chip motor driver IC for
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
LV8041FN SANYO-LV8041FN Datasheet
1Mb / 24P
   Seven-Channel Motor Driver IC for Digital Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com