Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DME3930-102 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # DME3930-102
Description  Chip On Board Mixer Quads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DME3930-102 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  DME3930-102 Datasheet HTML 1Page - Skyworks Solutions Inc. DME3930-102 Datasheet HTML 2Page - Skyworks Solutions Inc. DME3930-102 Datasheet HTML 3Page - Skyworks Solutions Inc. DME3930-102 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200271 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 19, 2007
1
Chip On Board Mixer Quads
DATA SHEET
Features
G
High-volume automatic assembly
G
For microwave MIC assembly and automated high-volume
manufacturing
G
Mechanically rugged design
G
100% DC tested
G
Three barrier heights for customized mixer performance
G
Available lead (Pb)-free, RoHS-compliant, and Green
Description
Skyworks ceramic Chip on Board (COB) mixer quads are
designed for high-performance RF and microwave receiver
applications. These devices utilize Skyworks advanced silicon
beamless Schottky technology, combined with precision ceramic
COB assembly techniques, to achieve a high degree of device
reliability in commercial applications.
Characteristic
Value
Maximum current (IMAX)
50 mA
Power dissipation (PD) CW
75 mW/junction
Storage temperature (TST)
-65 °C to +175 °C
Operating temperature (TOP)
-65 °C to +150 °C
Electrostatic Discharge (ESD)
Class 0
Human Body Model (HBM)
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Skyworks Green products are lead (Pb)-free, RoHS
(Restriction of Hazardous Substances)-compliant,
conform to the EIA/EICTA/JEITA Joint Industry Guide
(JIG) Level A guidelines, and are free from antimony
trioxide and brominated flame retardants.
NEW


Similar Part No. - DME3930-102

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DME3939-257 SKYWORKS-DME3939-257 Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
More results

Similar Description - DME3930-102

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com