Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65014-92LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65014-92LF
Description  InGaP Cascadable Amplifier LF-9 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65014-92LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65014-92LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65014-92LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65014-92LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65014-92LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65014-92LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
June 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200355 Rev. B
DATA SHEET • SKY65014-92LF
2
Parameter
Symbol
Condition
Frequency
Min.
Typ.
Max.
Unit
Small signal gain
GP
2 GHz
13
15
16
dB
3 dB gain bandwidth
BW3 dB
3 dB
7.5
GHz
Noise figure
NF
2 GHz
5.4
dB
Output power at 1 dB compression
0P1 dB
2 GHz
17
18
dBm
Input and output VSWR
VSWR
0.1–8 GHz
1.9:1
2.0:1
Output third order intercept point
OIP3
PIN = 0 dBm each tone,
∆f = 10 MHz
2 GHz
36
dBm
Operating voltage
VD
Measured at pin 6
4.2
4.7
5
V
Reverse isolation
|s12|
0.1–7.5 GHz
18
dB
Gain flatness
10 MHz–7.5 GHz
±1.5
dB
Thermal resistance
θJC
225
°C/W
Electrical Specifications at 25 °C
T = 25 °C, IS = 70 mA, PIN = 0 dBm, Z0 = 50
Ω, measured in evaluation board, unless otherwise noted
Frequency (GHz)
Gain vs. Frequency
20
10
15
5
0
-5
-10
2468
10
0
25 °C
-40 °C
85 °C
2468
10
Frequency (GHz)
Input Return Loss vs. Frequency
0
0
-15
-20
-10
-5
-25
-30
-35
25 °C
-40 °C
85 °C
2468
10
Frequency (GHz)
Output Return Loss vs. Frequency
0
0
-15
-10
-5
-25
-20
-30
-40
-35
25 °C
-40 °C
85 °C
2468
10
Frequency (GHz)
Isolation vs. Frequency
0
0
-15
-10
-5
-25
-30
25 °C
-40 °C
85 °C
Typical Performance Data
Z0 = 50
Ω,IS = 70 mA, measured in evaluation board, unless otherwise noted


Similar Part No. - SKY65014-92LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65014-70LF SKYWORKS-SKY65014-70LF Datasheet
335Kb / 5P
   InGaP Cascadable Amplifier
More results

Similar Description - SKY65014-92LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65016-70LF SKYWORKS-SKY65016-70LF Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
SKY65013-70LF SKYWORKS-SKY65013-70LF Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-92LF SKYWORKS-SKY65016-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
SKY65013-92LF SKYWORKS-SKY65013-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com