Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13292-365LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY13292-365LF
Description  4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13292-365LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY13292-365LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY13292-365LF Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 15, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200348 Rev. E
DATA SHEET • SKY13292-365LF
10
PRELIMINARY DATA SHEET • SKY13292-365LF
Tone and Voltage Inputs (see notes)
State
T1
V1
T2
V2
Signal Paths
1
No tone
VLOW
No tone
VLOW
I3 → OUT1, I3 → OUT2
2
No tone
VLOW
No tone
VHIGH
I3 → OUT1, I2 → OUT2
3
No tone
VLOW
22 kHz tone
VLOW
I3 → OUT1, I4 → OUT2
4
No tone
VLOW
22 kHz tone
VHIGH
I3 → OUT1, I1 → OUT2
5
No tone
VHIGH
No tone
VLOW
I2→ OUT1, I3 → OUT2
6
No tone
VHIGH
No tone
VHIGH
I2→ OUT1, I2 → OUT2
7
No tone
VHIGH
22 kHz tone
VLOW
I2→ OUT1, I4 → OUT2
8
No tone
VHIGH
22 kHz tone
VHIGH
I2→ OUT1, I1 → OUT2
9
22 kHz tone
VLOW
No tone
VLOW
I4 → OUT1, I3 → OUT2
10
22 kHz tone
VLOW
No tone
VHIGH
I4 → OUT1, I2 → OUT2
11
22 kHz tone
VLOW
22 kHz tone
VLOW
I4 → OUT1, I4 → OUT2
12
22 kHz tone
VLOW
22 kHz tone
VHIGH
I4 → OUT1, I1 → OUT2
13
22 kHz tone
VHIGH
No tone
VLOW
I1 → OUT1, I3 → OUT2
14
22 kHz tone
VHIGH
No tone
VHIGH
I1 → OUT1, I2 → OUT2
15
22 kHz tone
VHIGH
22 kHz tone
VLOW
I1 → OUT1, I4 → OUT2
16
22 kHz tone
VHIGH
22 kHz tone
VHIGH
I1 → OUT1, I1 → OUT2
Truth Table - Tone and Voltage Controls
Mode 0 (000): P0 = 0 V, B1 = 0 V, B2 = 0 V (Default State)
Tone and Voltage Inputs (see notes)
State
T1
V1
T2
V2
Signal Paths
1
No tone
VLOW
No tone
VLOW
I4 → OUT1, I4 → OUT2
2
No tone
VLOW
No tone
VHIGH
I4 → OUT1, I2 → OUT2
3
No tone
VLOW
22 kHz tone
VLOW
I4 → OUT1, I3 → OUT2
4
No tone
VLOW
22 kHz tone
VHIGH
I4 → OUT1, I1 → OUT2
5
No tone
VHIGH
No tone
VLOW
I2 → OUT1, I4 → OUT2
6
No tone
VHIGH
No tone
VHIGH
I2 → OUT1, I2 → OUT2
7
No tone
VHIGH
22 kHz tone
VLOW
I2 → OUT1, I3 → OUT2
8
No tone
VHIGH
22 kHz tone
VHIGH
I2 → OUT1, I1 → OUT2
9
22 kHz tone
VLOW
No tone
VLOW
I3 → OUT1, I4 → OUT2
10
22 kHz tone
VLOW
No tone
VHIGH
I3 → OUT1, I2 → OUT2
11
22 kHz tone
VLOW
22 kHz tone
VLOW
I3 → OUT1, I3 → OUT2
12
22 kHz tone
VLOW
22 kHz tone
VHIGH
I3 → OUT1, I1 → OUT2
13
22 kHz tone
VHIGH
No tone
VLOW
I1 → OUT1, I4 → OUT2
14
22 kHz tone
VHIGH
No tone
VHIGH
I1 → OUT1, I2 → OUT2
15
22 kHz tone
VHIGH
22 kHz tone
VLOW
I1 → OUT1, I3 → OUT2
16
22 kHz tone
VHIGH
22 kHz tone
VHIGH
I1 → OUT1, I1 → OUT2
Mode 1 (001): P0 = 0 V, B1 = 0 V, B2 = 5 V
Notes
“No tone”: no 22 kHz tone present.
“22 kHz tone”: 22 kHz tone present with amplitude greater than 100 mV (pk-pk).
VLOW < 14 V.
VHIGH > 15 V


Similar Part No. - SKY13292-365LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
   PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
   GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
SKY13298-360LF SKYWORKS-SKY13298-360LF Datasheet
455Kb / 5P
   GaAs SP2T Switch for Ultra Wideband (UWB) 3 - 8 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13292-365LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13272-340LF SKYWORKS-SKY13272-340LF Datasheet
544Kb / 5P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13264-340LF SKYWORKS-SKY13264-340LF Datasheet
112Kb / 3P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
logo
Hexawave, Inc
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS417 HW-HWS417 Datasheet
133Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS433 HW-HWS433 Datasheet
77Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
logo
Renesas Technology Corp
UPD5754T7A RENESAS-UPD5754T7A Datasheet
252Kb / 14P
   SiGe/CMOS Integrated Circuit 4 * 2 IF Switch Matrix with Gain and Tone
logo
Unisonic Technologies
ULS4X2 UTC-ULS4X2 Datasheet
180Kb / 8P
   4X2 SWITCH MATRIX WITH TONE/POLARITY CONTROLLER
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com