Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1016AI Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 11 of 15
The previous equation above can also be simplified to:
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Thermal Management and Layout
Consideration
In the AOZ1016 buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
LX pins, to the filter inductor, to the output capacitor
and load, and then returns to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from inductor, to the
output capacitors and load, to the PGND pin of the
AOZ1016, to the LX pins of the AOZ1016. Current flows
in the second loop when the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is recommended to connect input capacitor, output
capacitor, and PGND pin of the AOZ1016.
In the AOZ1016 buck regulator circuit, the two major
power dissipating components are the AOZ1016 and
the output inductor. The total power dissipation of
converter circuit can be measured by input power minus
output power.
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual AOZ1016 junction temperature can be
calculated with power dissipation in the AOZ1016 and
thermal impedance from junction to ambient.
The maximum junction temperature of AOZ1016 is
150°C, which limits the maximum load current capability.
Please see the thermal de-rating curves for the maximum
load current of the AOZ1016 under different ambient
temperatures.
The thermal performance of the AOZ1016 is strongly
affected by the PCB layout. Extra care should be taken
by users during the design process to ensure that the IC
will operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance. Figure 3 illustrates a single
layer PCB layout example as reference.
1.
Do not use thermal relief connection to the VIN and
the PGND pins. Pour a maximized copper area to the
PGND pin and the VIN pin to help thermal dissipation.
2.
The input capacitors should be connected as close
as possible to the VIN and PGND pins.
3.
A ground plane is preferred. If a ground plane is not
used, separate PGND from AGND and connect
them only at one point to avoid the PGND pin noise
coupling to the AGND pin. In this case, a decoupling
capacitor should be connected between VIN and
AGND.
4.
Make the current trace from LX pins to L to CO to the
PGND as short as possible.
5.
Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND or VOUT.
6.
The two LX pins are connected to the internal PFET
drain. They are low resistance thermal conduction
path and a noisy switching node. Connect a copper
plane to the LX pin to help thermal dissipation. This
copper plane should not be too large otherwise
switching noise may be coupled to other parts of the
circuit.
7.
Keep sensitive signal traces such as trace connect-
ing FB and COMP away from the LX pins.
C
C
C
O
R
L
×
R
C
----------------------
=
P
total _loss
V
IN
I
IN
V
O
I
O
×
×
=
P
inductor _loss
I
O
2
R
inductor
1.1
×
×
=
T
junction
P
total _loss P inductor _loss
() Θ
×
=
T
ambient
++


Similar Part No. - AOZ1016AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
More results

Similar Description - AOZ1016AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com