Electronic Components Datasheet Search |
|
SKY65013 Datasheet(PDF) 1 Page - Skyworks Solutions Inc. |
|
SKY65013 Datasheet(HTML) 1 Page - Skyworks Solutions Inc. |
1 / 5 page Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200360 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • September 25, 2006 1 SKY65013-70LF: InGaP Cascadable Amplifier LF–7 GHz DATA SHEET Applications ● Wireless infrastructure: WLAN, HLAN, DBS, broadband, cellular base stations ● Test instrumentation ● CATV Features ● Broadband: LF–7 GHz ● Small signal gain: 12.5 dB typ. @ 2 GHz ● High output 3rd order intercept: +29 dBm typ. ● 0P1 dB: 12.5 dBm typ. @ 2 GHz ● Input and output impedance: 50 Ω nominal ● Single, positive DC supply voltage ● SOT-89 package ● Available lead (Pb)-free, RoHS compliant and Green MSL-1 @ 260 °C per JEDEC J-STD-020 50 Ω 50 Ω Description The SKY65013 is a general-purpose, broadband amplifier fabri- cated from Skyworks InGaP HBT process and packaged in a SOT-89 package. The amplifier’s input and output impedances are 50 Ω, which allows these amplifiers to be cascaded without external impedance matching networks. The typical -3 dB band- width of the SKY65013 is LF–7 GHz. This amplifier is also available in the plastic micro-X package (SKY65013-214LF) and the SC-88 package (SKY65013-92LF). The SKY65013 is lead (Pb)-free and RoHS compliant. It is also “Green”—environmentally friendly, containing no antimony or halogens, such as bromine. A populated evaluation board is available upon request. Full scattering parameters for this part are available for download at www.skyworksinc.com Functional Block Diagram Skyworks Green products are lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant, conform to the EIA/EICTA/JEITA Joint Industry Guide (JIG) Level A guidelines, and are free from antimony trioxide and brominated flame retardants. NEW |
Similar Part No. - SKY65013 |
|
Similar Description - SKY65013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |