Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65135-21 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY65135-21
Description  WLAN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65135-21 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65135-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DATA SHEET • SKY65135 WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200436D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 28, 2007
5
30
12
14
16
18
20
10
24
26
28
30
32
34
22
31
32
33
34
35
36
POUT (dBm)
Figure 3. Typical Gain vs POUT @ 2.442 GHz
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.40
5.2
5.0
4.8
4.6
4.4
4.2
4.0
5.4
5.6
5.8
6.0
Frequency (GHz)
Figure 5. Typical Noise Figure Performance vs Frequency
Frequency (GHz)
–50
–60
–40
–30
–20
–10
+10
0
2.411
2.417
2.423
2.430
2.436
2.442
2.448
2.454
2.461
2.467
2.473
IEEE802.11b
Specification Mask
POUT = +31 dBm
Figure 7. Output Spectrum Response for 802.11b CCK-Coded
@ 2.442 GHz and POUT = 31 dBm
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.40
32.0
33.0
34.0
35.0
Frequency (GHz)
Figure 4. Typical Gain vs Frequency Response
Frequency (GHz)
–50
–40
–30
–20
–10
0
+10
2.411
2.417
2.423
2.430
2.436
2.442
2.448
2.454
2.461
2.467
2.473
POUT = +30 dBm
IEEE802.11g
Specification Mask
Figure 6. Output Spectrum Response for 802.11g
@ 2.442 GHz and POUT = 30 dBm
POUT (dBm)
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
12
14
16
18
20
22
24
26
28
30
32
34
Figure 8. Detector Output Voltage vs RF Output Power
@ 2.442 GHz


Similar Part No. - SKY65135-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65135-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
ANADIGICS, Inc
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com