Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65028-70LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
July 31, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200445 Rev. B
DATA SHEET • SKY65028-70LF
4
24
25
26
27
28
390
415
440
465490
Frequency (MHz)
Typical Small Signal Gain
From 390–490 MHz Over Temperature
-40 °C
25 °C
85 °C
21.0
20.5
20.0
21.5
22.0
22.5
23.0
840
865890
915
940
Frequency (MHz)
Typical Small Signal Gain
From 840–940 MHz Over Temperature
-40 °C
25 °C
85 °C
14.5
14.0
13.5
15.0
15.5
16.0
16.5
1900
1925
1950
1975
2000
Frequency (MHz)
Typical Small Signal Gain
From 1900–2000 MHz Over Temperature
-40 °C
25 °C
85 °C
14.0
13.5
13.0
14.5
15.0
15.5
16.0
2080
2105
2130
2155
2180
Frequency (MHz)
Typical Small Signal Gain
From 2080–2180 MHz Over Temperature
-40 °C
25 °C
85 °C
13.5
13.0
12.5
14.0
14.5
15.0
15.5
2400
2425
2450
2475
2500
Frequency (MHz)
Typical Small Signal Gain
From 2400–2500 MHz Over Temperature
-40 °C
25 °C
85 °C
13.0
12.5
12.0
11.5
13.5
14.0
14.5
15.0
2500
2550
2600
2650
2700
Frequency (MHz)
Typical Small Signal Gain
From 2500–2700 MHz Over Temperature
-40 °C
25 °C
85 °C
Typical Performance Data


Similar Part No. - SKY65028-70LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65008 SKYWORKS-SKY65008 Datasheet
142Kb / 11P
   250 - 2700 MHz Linear, Low Current Power Amplifier Driver
More results

Similar Description - SKY65028-70LF

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
   450-2200 MHz 4 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
ANADIGICS, Inc
AWT6136 ANADIGICS-AWT6136 Datasheet
220Kb / 12P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6388 ANADIGICS-AWT6388 Datasheet
463Kb / 8P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6136 ANADIGICS-AWT6136_08 Datasheet
401Kb / 9P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com