Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13278-313LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY13278-313LF
Description  GaAs SPDT Switch 100 MHz-2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13278-313LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY13278-313LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13278-313LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13278-313LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13278-313LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13278-313LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13278-313LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SKY13278-313LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200504 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 30, 2007
3
V1
V2
J1–J2
J1–J3
VLOW
VHIGH
Isolation
Insertion loss
VHIGH
VLOW
Insertion loss
Isolation
VLOW
VLOW
Not recommended(1)
VHIGH
VHIGH
Not recommended(1)
Truth Table
2.8 V < VHIGH < 5 V , 0 < VLOW < 0.2 V.
1. Switch is in an undefined state.
Second and Third Harmonics vs. Control Voltage
FIN = 1800 MHz PIN = 32 dBm
VCTL (V)
40
45
50
55
60
65
70
75
80
85
90
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0
2nd
3rd
Blocker Performance vs. Phase
f1 = 1950 MHz, PIN = +20 dBm
f2 = 1760 MHz, PIN = -15 dBm
Blocker Measured at 2140 MHz
Phase (Deg.)
-120
-115
-110
-105
-100
-95
-90
-85
-80
0
30
60
90
120
150
180
2.8 V
3 V
3.5 V
Characteristic
Value
RF input power @ 5 V
10 W, f > 900 MHz @ 25 °C
Control voltage
-0.2 < V1, V2 < 8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - SKY13278-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY13272-340LF SKYWORKS-SKY13272-340LF Datasheet
544Kb / 5P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13274-349LF SKYWORKS-SKY13274-349LF Datasheet
309Kb / 6P
   PHEMT SP2T Switch 0.5-6.0 GHz
SKY13277-355LF SKYWORKS-SKY13277-355LF Datasheet
330Kb / 6P
   GaAs SP3T Absorptive Switch 500 MHz-2.5 GHz
More results

Similar Description - SKY13278-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13306-313LF SKYWORKS-SKY13306-313LF Datasheet
237Kb / 5P
   GaAs SPDT Switch 100 MHz?? GHz
logo
Hexawave, Inc
HWS418 HW-HWS418 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS301 HW-HWS301 Datasheet
116Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com