Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3416 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH3416
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3416 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH3416 Datasheet HTML 1Page - Sanyo Semicon Device MCH3416 Datasheet HTML 2Page - Sanyo Semicon Device MCH3416 Datasheet HTML 3Page - Sanyo Semicon Device MCH3416 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH3416
No.7996-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=30V, VGS=10V, ID=1.8A
6.4
nC
Gate-to-Source Charge
Qgs
VDS=30V, VGS=10V, ID=1.8A
1.1
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=30V, VGS=10V, ID=1.8A
1.1
nC
Diode Forward Voltage
VSD
IS=1.8A, VGS=0
0.85
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
2167A
1 : Gate
2 : Source
3 : Drain
SANYO : MCPH3
2.0
0.65
0.3
0.15
1
2
3
12
3
(Bottom view)
(Top view)
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=0.9A
RL=33.3Ω
VDD=30V
VOUT
MCH3416
VIN
10V
0V
VIN
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
1.0
1.5
4.0
0.5
2.0
2.5
3.0
3.5
0
0
0.2
0.4
0.6
1.2
1.8
1.6
1.4
1.0
0.8
0
1.2
1.0
0.8
0.2
0.4
0.6
IT07434
0
0.5
1.0
1.5
2.0
2.5
4.0
3.0
3.5
IT07435
IT07437
02
4
6
8
20
10
12
14
16
18
IT07436
400
100
200
150
250
350
300
Ta=25
°C
ID=0.9A
3.0V
VGS=2.5V
VDS=10V
--60
50
100
300
350
200
250
150
400
--40
--20
0
20
40
60
80
100
120
140
160
I D
=0.9A,
V GS
=4V
I D
=0.9A,
V GS
=10V


Similar Part No. - MCH3416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3410 SANYO-MCH3410 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH3411 SANYO-MCH3411 Datasheet
47Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH3412 SANYO-MCH3412 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH3414 SANYO-MCH3414 Datasheet
40Kb / 4P
   General-Purpose Switching Device Applications
MCH3415 SANYO-MCH3415 Datasheet
38Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - MCH3416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com