Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM7000-300S Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # RM7000-300S
Description  RM7000??Microprocessor with On-Chip Secondary Cache Datasheet Released
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM7000-300S Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button RM7000-300S Datasheet HTML 7Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 8Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 9Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 10Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 11Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 12Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 13Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 14Page - PMC-Sierra, Inc RM7000-300S Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
11
Document ID: PMC-2002175, Issue 1
RM7000™ Microprocessor with On-Chip Secondary Cache Datasheet
Released
3
Description
PMC-Sierra’s RM7000 is a highly integrated symmetric superscalar microprocessor capable of
issuing two instructions each processor cycle. It has two high-performance 64-bit integer units as
well as a high-throughput, fully pipelined 64-bit floating point unit. To keep its multiple execution
units running efficiently, the RM7000 integrates not only 16 KB 4-way set associative instruction
and data caches but backs them up with an integrated 256 KB 4-way set associative secondary as
well. For maximum efficiency, the data and secondary caches are write-back and non-blocking. An
optional external tertiary cache provides high-performance capability even in applications having
very large data sets.
A RM5200 Family compatible, operating system friendlymemory management unit with a 64/48-
entry fully associative TLB and a high-performance 64-bit system interface supporting multiple
outstanding reads with out-of-order return and hardware prioritized and vectored interrupts round
out the main features of the processor.
The RM7000 is ideally suited for high-end embedded control applications such as
internetworking, high-performance image manipulation, high-speed printing, and 3-D
visualization. The RM7000 is also applicable to the low end workstation market where its
balanced integer and floating-point performance and direct support for a large tertiary cache (up to
8 MB) provide outstanding price/performance.


Similar Part No. - RM7000-300S

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A PMC-RM7000A Datasheet
1Mb / 53P
   RM7000A??Microprocessor with On-Chip Secondary Cache Data Sheet Released
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-300T PMC-RM7000A-300T Datasheet
1Mb / 53P
   RM7000A??Microprocessor with On-Chip Secondary Cache Data Sheet Released
RM7000A-350T PMC-RM7000A-350T Datasheet
1Mb / 53P
   RM7000A??Microprocessor with On-Chip Secondary Cache Data Sheet Released
More results

Similar Description - RM7000-300S

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
1Mb / 53P
   RM7000A??Microprocessor with On-Chip Secondary Cache Data Sheet Released
RM7065A PMC-RM7065A Datasheet
776Kb / 52P
   RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
MPC2605 MOTOROLA-MPC2605 Datasheet
288Kb / 30P
   Integrated Secondary Cache for PowerPC Microprocessors
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
Nanjing Qinheng Microel...
CH236 WCH-CH236 Datasheet
187Kb / 3P
   Cache chip
logo
PMC-Sierra, Inc
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com