Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6628 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH6628
Description  General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6628 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH6628 Datasheet HTML 1Page - Sanyo Semicon Device MCH6628 Datasheet HTML 2Page - Sanyo Semicon Device MCH6628 Datasheet HTML 3Page - Sanyo Semicon Device MCH6628 Datasheet HTML 4Page - Sanyo Semicon Device MCH6628 Datasheet HTML 5Page - Sanyo Semicon Device MCH6628 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCH6628
No.7919-1/6
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
N-channel
P-channel
Unit
Drain-to-Source Voltage
VDSS
30
--20
V
Gate-to-Source Voltage
VGSS
±10
±10
V
Drain Current (DC)
ID
0.35
--1.0
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
1.4
--4.0
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)1unit
0.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[N-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0
10
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100µA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=80mA
130
220
mS
RDS(on)1
ID=80mA, VGS=4V
2.9
3.7
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=40mA, VGS=2.5V
3.7
5.2
RDS(on)3
ID=10mA, VGS=1.5V
6.4
12.8
Marking : WC
Continued on next page.
Features
The MCH6628 incorporates an N-channel MOSFET
and a P-channel MOSFET that feature low ON-
resistance and high-speed switching, thereby enabling
high-density mounting.
Excellent ON-resistance characteristic.
2.5V drive.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7919
MCH6628
Package Dimensions
unit : mm
2173A
[MCH6628]
GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel and P-Channel Silicon MOSFETs
General-Purpose Switching Device Applications
1 : Source1
2 : Gate1
3 : Drain2
4 : Source2
5 : Gate2
6 : Drain1
SANYO : MCPH6
2.0
0.65
0.3
0.15
1
12
3
65
4
32
5
46
(Bottom view)
(Top view)
93004 TS IM TA-100978


Similar Part No. - MCH6628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6622 SANYO-MCH6622 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6626 SANYO-MCH6626 Datasheet
51Kb / 6P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6626 ONSEMI-MCH6626 Datasheet
111Kb / 6P
   General-Purpose Switching Device Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
MCH6627 SANYO-MCH6627 Datasheet
66Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
MCH6629 SANYO-MCH6629 Datasheet
58Kb / 5P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - MCH6628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com