Part Name
         Description
SKY73032

 700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications ( 11 Page)


SKYWORKS
100% 
Zoom Out Zoom In
 
 2 page
background image
PRELIMINARY DATA SHEET • SKY73032 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
February 15, 2007 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200625A
S938
VCC_IFRF
RF
N/C
GND
GND
15
14
13
12
11
LO2
N/C
GND
GND
LO1
1
2
3
4
5
67
8
9
10
20
19
18
17
16
Figure 2. SKY73032 Pinout – 20-Pin MCM
Table 1. SKY73032 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
VCC_IFRF
IF and RF DC supply, +5V
11
LO1
LO1 input
2
RF
RF input
12
GND
Ground
3
N/C
No connection
13
GND
Ground
4
GND
Ground
14
N/C
No connection
5
GND
Ground
15
LO2
LO2 input
6
VCC_LO
LO DC supply, +5V
16
N/C
No connection
7
N/C
No connection
17
GND
Ground
8
VCC_LOSW
LO switch DC supply, +5V
18
IF–
Negative IF output
9
LO_SEL
LO select switch control
19
IF+
Positive IF output
10
GND
Ground
20
RXIF
IF bias adjust
1  2  3  4  5  6  7  8  9  10  11 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SKY73020700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
SKY73022-11700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
SKY730211700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
CA741_010.9MHz Single and Dual High Gain Operational Amplifiers for Military Industrial and Commercial Applications 1 2 3 4 5 MoreIntersil Corporation
SRM-1016800 - 1000 MHz High Linearity Active Receive Mixer 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
STM-1116800 - 1000 MHz High Linearity Active Transmit Mixer 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CSM2-13Low Cost High IP3 Mixer for PCS/WLL Applications 1 2 3 Tyco Electronics
CGA-6618Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
CSM2-17Low Cost High IP3 Mixer for PCS/WLL Applications 1 2 3 Tyco Electronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl