Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300DVA120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM300DVA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300DVA120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM300DVA120_00 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300DVA120_00 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300DVA120_00 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300DVA120_00 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300DVA120_00 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300DVA120_00 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300DVA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
VCC
VD
VCIN(ON)
VCIN(OFF)
tdead
fPWM
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
Arm Shoot-through
Blocking Time
PWM Input Frequency
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
5.88
10.8
Mounting part
screw : M6
Main terminal
screw : M8
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
3.92
8.83
4.90
9.81
720
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol
THERMAL RESISTANCES
0.099
0.13
0.065
°C/W
Inverter IGBT part (per 1/2 module)
Inverter FWDi part (per 1/2 module)
Case to fin, Thermal grease applied (per 1/2 module)
Parameter
Test Condition
Unit
Limits
Min.
Typ.
Max.
Junction to case Thermal
Resistances
Contact Thermal Resistance
RECOMMENDED CONDITIONS FOR USE
Symbol
Recommended value
Unit
Test Condition
Parameter
Applied across C1-E2 terminals
Applied between : VP1-VPC, VN1-VNC
(Note-3)
Applied between : CPI-VPC, CNI-VNC
For IPM’s each input signals
Using Application Circuit input signal of IPM, 3
φ
Sinusoidal PWM VVVF inverter
≤ 800
15
± 1.5
≤ 0.8
≥ 4.0
≥ 3.5
≤ 20
V
V
V
µs
kHz
(Note-3) With ripple satisfying the following conditions dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak


Similar Part No. - PM300DVA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DVA120 MITSUBISHI-PM300DVA120_09 Datasheet
92Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300DVA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com