Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM600HSA120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM600HSA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM600HSA120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM600HSA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM600HSA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM600HSA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM600HSA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM600HSA120
FLAT-BASE TYPE
INSULATED PACKAGE
0
1
2
3
4
5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
0
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
200
600
800
400
1000
0
101
102
103
10-2
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
101
102
103
trr
Irr
01
3
101
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
102
103
2
DIODE FORWARD CHARACTERISTICS
10
12
20
14
16
18
1
2
3
4
5
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
tc(off)
tc(on)
VCC = 600V
VD = 15V
Inductive Load
Tj = 125
oC
01234
0
200
400
600
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
5
800
1000
VD = 17V
13
15
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
IC = 600A
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
Tj = 25
oC
VCIN = 0V
VCC = 600V
VD = 15V
Inductive Load
Tj = 125
oC
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(Each IGBT)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)Q = 0.036
oC/W
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(Each FWDi)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)F = 0.06
oC/W
10-2
10-3
Tj = 25
oC
Tj = 125
oC
VCIN = 5V


Similar Part No. - PM600HSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM600HSA120 MITSUBISHI-PM600HSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM600HSA120 MITSUBISHI-PM600HSA120 Datasheet
52Kb / 4P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM600HSA120 POWEREX-PM600HSA120 Datasheet
61Kb / 4P
   Intellimod??Module Half Phase IGBT Inverter Output (600 Amperes/1200 Volts)
More results

Similar Description - PM600HSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com