Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11034 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS11034
Description  Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS11034 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS11034 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS11034 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS11034 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS11034 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS11034 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11034
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
W
V
N2
T
S
R
P1
P2
U
VD
UP
VP
WP
UN
VN
WN
FO
V(amp)
GND
UV Protection
+
Fo Circuit
N1
INTERNAL FUNCTIONS BLOCK DIAGRAM
Condition
Symbol
Item
Ratings
Unit
Applied between P2-N2
Applied between P2-N2, Surge-value
Applied between P2-U.V.W, U.V.W-N2
Applied between P2-U.V.W, U.V.W-N2
TC = 25°C, “(
)” means IC peak value
VCC
VCC(surge)
VP or VN
VP(S) or
VN(S)
±Ic(±Icp)
Supply voltage
Supply voltage (surge)
Each output IGBT collector-emitter static voltage
Each output IGBT collector-emitter
switching voltage
Each output IGBT collector current
450
500
600
600
±15 (±30)
V
V
V
V
A
MAXIMUM RATINGS (Tj = 25°C)
INVERTER PART
Condition
Symbol
Item
Ratings
Unit
3
φ rectifying circuit
1 cycle at 60Hz, peak value non-repetitive
Value for one cycle of surge current
VRRM
Ea
IO
IFSM
I2t
Repetitive peak reverse voltage
Recommended AC input voltage
DC output current
Surge (non-repetitive) forward current
I2t for fusing
800
220
15
150
93
V
Vrms
A
A
A2s
CONVERTER PART
Symbol
Item
Ratings
Unit
VD, VDB
VCIN
VFO
IFO
Iamp
Supply voltage
Input signal voltage
Fault output supply voltage
Fault output current
DC-Link IGBT current signal Amp output current
–0.5 ~ 20
–0.5 ~ +7.5
–0.5 ~ +7.5
15
1
V
V
V
mA
mA
CONTROL PART
(Fig. 2)


Similar Part No. - PS11034

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
logo
List of Unclassifed Man...
PS11034 ETC1-PS11034 Datasheet
254Kb / 3P
   Patch Lead - CAT 5E
More results

Similar Description - PS11034

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
   Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11035 MITSUBISHI-PS11035 Datasheet
118Kb / 5P
   Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12014-A MITSUBISHI-PS12014-A Datasheet
399Kb / 6P
   Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com