Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21564-P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21564-P
Description  AC100V~200V inverter drive for small power motor control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21564-P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21564-P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21564-P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Sep. 2005
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21564-P
TRANSFER-MOLD TYPE
INSULATED TYPE
TERMINAL CODE
1
VUFS
2
(UPG)
3
VUFB
4
VP1
5
(COM)
6
UP
7
VVFS
8
(VPG)
9
VVFB
10
VP1
11
(COM)
12
VP
13
VWFS
14
(WPG)
15
VWFB
16
VP1
17
(COM)
18
WP
19
(UNG)
20
VNO Note2)
21
UN
22
VN
23
WN
24
FO
25
CFO
26
CIN
27
VNC
28
VN1
29
(WNG)
30
(VNG)
31
P
32
U
33
V
34
W
35
N
C
D
1.778 ±0.15
1.778
× 26 (=46.228)
16
17
18
13
14
15
10
9 8 7
6 5 4
3 2 1
11
12
19
20
21
22
23
24
35
34
33
32
31
26 25
27
28
29
30
(1.5)
35
°
1.25
2.5
A
B
B
1
(0.75)
0.5
(0.4)
(15°
)
(30°
)
1
0.5
0.5
0.5
(45°)
(45°)
HEAT SINK SIDE
HEAT SINK SIDE
Type name , Lot No.
7.62
× 4 (=30.48)
7.62 ±0.3
(41)
49
(
φ3.8)
φ3.3
DETAIL C
DETAIL D
TERMINAL 32, 35
TERMINAL 1,28
B-B
42 ±0.15
(4.62)
(
φ2 DEPTH 2)
φ3.3
5
All outer lead terminals are with Pb-free solder plating.
3.556
(2.056)
(0.278)
(0.5)
TERMINAL
SLIT
PATTERN
(ex. PCB LAYOUT)
Note1)
PCB
(R0.75)
(1)
(1.5)
DETAIL A
3.556
1.2
PS21564-P
INTEGRATED POWER FUNCTIONS
600V/15A low-loss 5th generation inverter bridge for three
phase DC-to-AC power conversion
APPLICATION
AC100V~200V inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
Dimensions in mm
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage isolated high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply).
• Input interface : 3, 5V line CMOS/TTL compatible. (High Active)
• UL Approved : Yellow Card No. E80276
Note 1 : In order to get enough creepage distance between the terminals, please take some countermeasure such as a slit on PCB.
2: Treat the terminal VNO of PS21564-P as NC. (just the same as DIP-IPM ver.2) However, external connection of VNO with N termi-
nals is necessary for PS21562-P or PS21563-P.


Similar Part No. - PS21564-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21564-P MITSUBISHI-PS21564-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Powerex Power Semicondu...
PS21564-P POWEREX-PS21564-P Datasheet
317Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
More results

Similar Description - PS21564-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
   AC100V~200V, three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com