Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21564-SP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS21564-SP
Description  AC100V~200V inverter drive for small power motor control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21564-SP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS21564-SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21564-SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21564-SP
TRANSFER-MOLD TYPE
INSULATED TYPE
Jul. 2005
1.95
2.05
2.00
1.80
0.60
2.10
0.80
1
10
4.5
6.5
mA
V
Tj = 25
°C
Tj = 125
°C
IC = 15A, Tj = 25
°C
IC = 15A, Tj = 125
°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Condition
Symbol
Parameter
Limits
Inverter IGBT part (per 1/6 module)
Inverter FWD part (per 1/6 module)
Rth(j-f)Q
Rth(j-f)F
Min.
THERMAL RESISTANCE
Typ.
Max.
Unit
Tj = 25
°C, –IC = 15A, VIN = 0V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0.60
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWD forward voltage
Junction to case thermal
resistance
(Note 3)
VD = VDB = 15V
VIN = 5V
Switching times
VCC = 300V, VD = VDB = 15V
IC = 15A, Tj = 125
°C, VIN = 0 ↔ 5V
Inductive load (upper-lower arm)
Collector-emitter cut-off
current
VCE = VCES
1.45
1.55
1.50
1.20
0.30
0.40
1.50
0.50
V
µs
µs
µs
µs
µs
°C/W
°C/W
CONTROL (PROTECTION) PART
Note 4 : Short circuit protection is functioning only for the lower-arms. Please select the external shunt resistance such that the SC trip-level is
less than 2.0 times of the current rating.
5: Fault signal is asserted corresponding to a short circuit or lower side control supply under-voltage failure. The fault output pulse width tFO
depends on the capacitance value of CFO according to the following approximate equation : CFO = 12.2 ✕ 10-6 ✕ tFO [F].
Symbol
ID
VFOH
VFOL
VSC(ref)
IIN
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Parameter
Condition
Limits
Unit
Circuit current
Fault output voltage
Short circuit trip level
Control supply under-voltage
protection
Fault output pulse width
ON threshold voltage
OFF threshold voltage
VD = VDB = 15V
VIN = 5V
Total of VP1-VNC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
VSC = 0V, FO circuit pull-up to 5V with 10k
VSC = 1V, IFO = 1mA
Tf = –20~100
°C, VD = 15V
(Note 4)
VIN = 5V
Trip level
Reset level
Trip level
Reset level
CFO = 22nF
(Note 5)
Applied between UP, VP, WP-VNC, UN, VN, WN-VNC
4.9
0.45
1.0
10.0
10.5
10.3
10.8
1.0
2.1
0.8
1.5
1.8
2.3
1.4
5.00
0.40
7.00
0.55
0.95
0.52
2.0
12.0
12.5
12.5
13.0
2.6
2.1
Min.
Typ.
Max.
mA
V
V
V
mA
V
V
V
V
ms
V
V
VD = VDB = 15V
VIN = 0V
Total of VP1-VNC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Tj
≤ 125°C
Note 3: Grease with good thermal conductivity should be applied evenly with about +100
µm~+200µm on the contacting surface of DIP-IPM
and heat-sink.
Input current


Similar Part No. - PS21564-SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21564-SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
   AC100V~200V, three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com