Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200CVA060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM200CVA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CVA060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM200CVA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CVA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CVA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CVA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CVA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CVA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM200CVA060
FLAT-BASE TYPE
INSULATED PACKAGE
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Ratings
Symbol
PM200CVA060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
2.5~3.5
N · m
Mounting Torque, M5 Main Terminal Screws
2.5~3.5
N · m
Module Weight (Typical)
730
Grams
Supply Voltage (Applied between P - N, Surge Value)
VCC(surge)
500
Volts
Supply Voltage Protected by SC (VD = 13.5 ~16.5V, Inverter Part, Tj = 125°C Start)
VCC(prot.)
400
Volts
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN · VN · WN-VNC)VCIN
20
Volts
Fault Output Supply Voltage (Applied between FO-VNC, *FO-V*PC)VFO
20
Volts
Fault Output Current (Sink Current at UFO, VFO, WFO and FO Terminal)
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current, (TC = 25°C)
IC
200
Amperes
Peak Collector Current, (TC = 25°C)
ICP
400
Amperes
Collector Dissipation (TC = 25°C)
PC
595
Watts


Similar Part No. - PM200CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200CVA060 MITSUBISHI-PM200CVA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PM200CVA060 MITSUBISHI-PM200CVA060 Datasheet
79Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM200CVA060 MITSUBISHI-PM200CVA060_05 Datasheet
79Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com