Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD544A Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # BD544A
Description  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD544A Datasheet(HTML) 1 Page - Power Innovations Ltd

  BD544A Datasheet HTML 1Page - Power Innovations Ltd BD544A Datasheet HTML 2Page - Power Innovations Ltd BD544A Datasheet HTML 3Page - Power Innovations Ltd BD544A Datasheet HTML 4Page - Power Innovations Ltd BD544A Datasheet HTML 5Page - Power Innovations Ltd BD544A Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD544, BD544A, BD544B, BD544C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
JUNE 1973 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
BD543 Series
q
70 W at 25°C Case Temperature
q
8 A Continuous Collector Current
q
10 A Peak Collector Current
q
Customer-Specified Selections Available
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.56 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BD544
BD544A
BD544B
BD544C
VCBO
-40
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
BD544
BD544A
BD544B
BD544C
VCEO
-40
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-8
A
Peak collector current (see Note 1)
ICM
-10
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
70
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Operating free air temperature range
TA
-65 to +150
°C
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - BD544A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BD544A TRSYS-BD544A Datasheet
422Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD544A BOURNS-BD544A Datasheet
103Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD544A ISC-BD544A Datasheet
121Kb / 2P
   isc Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
logo
New Jersey Semi-Conduct...
BD544A NJSEMI-BD544A Datasheet
139Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - BD544A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com