Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C32X384 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C32X384
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C32X384 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C32X384_06 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32X384_06 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32X384_06 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32X384_06 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C32X384_06 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI5C32X384/PI5C32X384C
20-Bit, 2-Port Bus Switch
3
PS7027G
05/11/06
Parameters
Description
Test Condidtions(1)
Min. Typ.(2) Max. Units
ICC
Quiescent Power Sup-
ply Current
VCC = Max.
VIN = GND
or VCC
PI5C32X384C
PI5C32X384
60
0.1
200
3.0
µA
∆ICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
VIN =3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
A and B Pins Open
BE1 or BE2 = GND
Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditons, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Descritption
Test Condidtions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch OFF
VIN = 0V
6
CON
A/B Capacitance, Switch On
VIN = 0V
8
Power Supply Characteristics
Notes:
1. This parameter is determined by device characterization but is not production tested.
06-0237


Similar Part No. - PI5C32X384_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384A PERICOM-PI5C32X384A Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384AE PERICOM-PI5C32X384AE Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384B PERICOM-PI5C32X384B Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384BE PERICOM-PI5C32X384BE Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384CA PERICOM-PI5C32X384CA Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C32X384_06

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com