Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C16215CA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C16215CA
Description  20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16215CA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C16215CA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16215CA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16215CA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16215CA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16215CA Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8369B
12/15/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C16215C
20-Bit,HotInsertion,BusSwitchwith
PrechargedOutputs&UndershootProtection
SwitchingCharacteristics(OverRecommendedOperatingFree-airTemperatureRange,CL=50pF)
Notes:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50pF, when driven by an ideal voltage source (zero output impedance).
Parameter Measurements
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control.
3. All input pulses are supplied by generators having the following characteristics: PRR<10MHz, ZO = 50Ω, tr ≤ 2.5ns, tf ≤ 2.5ns.
4. The outputs are measured one at a time with one transition per measurement.
5. tPLZ and tPHZ are the same as tdis.
6. tPZL and tPZH are the same as ten.
7. tPLH and tPHL are the same as tpd.
tPZL
Output
Control
(Low Level
Enabling)
0V
1.5V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3.5V
0V
tPZH
+0.3V
-0.3V
Output
Waveform 1
S1 at 6V
(see Note 2)
Output
Waveform 2
S1 at Open
(see Note 2)
VOH
VOH
VOL
3V
t
s
e
T1
S
d
p
tn
e
p
O
t Z
L
P
t/ L
Z
P
V
7
t Z
H
P
t/ H
Z
P
n
e
p
O
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
m
o
r
F
)t
u
p
n
I
(
o
T
)t
u
p
t
u
O
(
V C
C
V
5
.
0
±
V
5
=V C
C
V
4
=
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t D
P
B
r
o
AA
r
o
B5
2
.
05
2
.
0
s
n
t H
Z
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
1
.
35
6
t L
Z
P
V
3
=
V
S
A
I
B0
.
35
6
t Z
H
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
0
.
25
5
.
5
t Z
L
P
V
3
=
V
S
A
I
B3
5
5
.
5
Input
tPLH
tPHL
3V
1.5V
1.5V
1.5V
1.5V
0V
Output
VOH
VOL
Truth Table
E
On
o
it
c
n
u
F
Ltr
o
p
B
=
tr
o
p
A
HV
S
A
I
B
=
tr
o
P
B
,
Z
=
tr
o
p
A
500
ohm
500
ohm
7V
Open
GND
S1
LOAD CIRCUIT
From Output
Under Test
CL = 50pF
(See note 1)


Similar Part No. - PI5C16215CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
PI5C16211A PERICOM-PI5C16211A Datasheet
115Kb / 3P
   24-Bit Bus Switch
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
PI5C16211K PERICOM-PI5C16211K Datasheet
115Kb / 3P
   24-Bit Bus Switch
More results

Similar Description - PI5C16215CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16215 PERICOM-PI3B16215 Datasheet
560Kb / 5P
   3.3V, Hot Insertion, 20-Bit FET BusSwitch w/Precharged Outputs
logo
NXP Semiconductors
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
   20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Pericom Semiconductor C...
PI3B16211 PERICOM-PI3B16211 Datasheet
146Kb / 5P
   3.3V, Hot Insertion, 24-Bit BusSwitch
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com