Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT3244 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT3244_06 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244_06 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
7
PS7067I
06/20/06
Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com
Ordering Information
Ordering Code
Package Code
Package Description
PI74FCT3244L
L
20-pin 173-mil wide plastic TSSOP
PI74FCT3244LE
L
Pb-free & Green,
20-pin 173-mil wide plastic TSSOP
PI74FCT3244Q
Q
20-pin 150-mil narrow plastic QSOP
PI74FCT3244QE
Q
Pb-free & Green,
20-pin 150-mil narrow plastic QSOP
PI74FCT3244S
S
20-pin 300-mil wide plastic SSOP
PI74FCT3244SE
S
Pb-free & Green,
20-pin 300-mil wide plastic SSOP
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free & Green
• Adding an X suffix = Tape/Reel
06-0218


Similar Part No. - PI74FCT3244_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244L PERICOM-PI74FCT3244L Datasheet
437Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver1234567891020191817161514131211VCC
PI74FCT3244L PERICOM-PI74FCT3244L Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244LE PERICOM-PI74FCT3244LE Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244Q PERICOM-PI74FCT3244Q Datasheet
437Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver1234567891020191817161514131211VCC
PI74FCT3244Q PERICOM-PI74FCT3244Q Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74FCT3244_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244_06 Datasheet
542Kb / 8P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX541 PERICOM-PI74LCX541 Datasheet
114Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
   Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com