Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT3244SE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244SE
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244SE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT3244SE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244SE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
5
PS7067I
06/20/06
Notes:
1.
Propagation Delays and Enable/Disable times are with VCC = 3.3V ± 0.3V, normal range. At VCC = 2.7V, all Propagation Delay and Enable/
Disable times are degraded by 20%.
2.
Minimum limits are guaranteed by design and characterization.
3.
Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by
design and characterization.
Switching Characteristics over Operating Range(1)
Parameters
Description
Conditions
FCT3244
Units
Com.
Min.(2)
Max.
tPHL
tPHL
Propagation Delay, DXX to OXX
CL = 50pF
RL = 500Ω
1.5
4.1
ns
tPZH
tPZL
Output Enable Time, OEX to OXX
1.5
5.8
tPHZ
tPLZ
Output Disable Time, OEX to OXX
1.5
5.2
tSK(o)
Output Skew(3)
0.5
Packaging Mechanical: 20-pin TSSOP (L)
����
������
����
����
����
����
�������
�����
�����
���
����
����
����
����
����
����
��
����
����
����
����
���
���
����
����
����
�����
���
���
���
���
����
����
����
����
����
���
06-0218


Similar Part No. - PI74FCT3244SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244SE PERICOM-PI74FCT3244SE Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74FCT3244SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244_06 Datasheet
542Kb / 8P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX541 PERICOM-PI74LCX541 Datasheet
114Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
   Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com