Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR10000 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SR10000
Description  Ultrathin Miniature Package 1-channel Step-up DC/DC Converter ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SR10000 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SR10000 Datasheet HTML 1Page - Sanyo Semicon Device SR10000 Datasheet HTML 2Page - Sanyo Semicon Device SR10000 Datasheet HTML 3Page - Sanyo Semicon Device SR10000 Datasheet HTML 4Page - Sanyo Semicon Device SR10000 Datasheet HTML 5Page - Sanyo Semicon Device SR10000 Datasheet HTML 6Page - Sanyo Semicon Device SR10000 Datasheet HTML 7Page - Sanyo Semicon Device SR10000 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N2206 / 41006HKIM No.0001-1/8
SR10000 Series
Overview
The SR10000 Series is a SANYO’s original SIP (System In Package) that includes a DC/DC converter control IC, a
power MOSFET and a Schottky barrier diode. All these components are mounted into one thin-and-small package by
utilizing SANYO’s high-density mounting technology, “Integrated System in Board (ISB)”.
The advantage using this DC/DC converter package is that it greatly decreases its mounting area and space, compared
with when the same circuit is set up with the discrete devices. In addition to that, it is very easy to assemble step-up
switching power supply with by just adding voltage-setting resistance, inductor and capacitors.
Functions and Features
• Since the SR10000 Series packages a voltage step-up DC/DC converter IC as well as power MOSFET and Schottky
barrier diode devices in the same package with the minimum trace length between components, it can provides high
efficiency and superior characteristics including low output ripple. In particular the mounting area required by these
components is reduced when compared to implementations using discrete devices.
• The output voltage is set using an external resistor.
• Standby function: Standby mode current=1µA (maximum)
• Automatic PWM/PFM switching control (SR10020, SR10040, SR10050)
• External PWM/PFM switching control (SR10030, SR10060, SR10070)
• Oscillator frequency: 100kHz (SR10060), 180kHz (SR10030), 300kHz (SR10020, SR10070), 500kHz (SR10040,
SR10050) (accuracy
±15%)
Ordering number : EISB*0001A
Ultrathin Miniature Package
1-channel Step-up DC/DC
Converter ICs
• The values given in this data sheet for models SR10060 is tentative and subject to change before
putting into mass production.
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - SR10000

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SR1000 EDI-SR1000 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
COTEK ELECTRONIC IND. C...
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
SR1000T-124 COTEK-SR1000T-124 Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
SR1000T-148 COTEK-SR1000T-148 Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
SR1000T-224 COTEK-SR1000T-224 Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
More results

Similar Description - SR10000

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
logo
Advanced Analog Technol...
AAT1103 AAT-AAT1103 Datasheet
25Kb / 1P
   SINGLE-CHANNEL STEP UP DC/DC CONVERTER
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com