Electronic Components Datasheet Search |
|
TF250TH Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
TF250TH Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 4 page TF250TH No. A0381-1/4 SANYO Semiconductors DATA SHEET Features • Ultrasmall package facilitates miniaturization in end products. • Especially suited for use in electret condenser microphone for audio equipments and telephones. • Excellent voltage characteristics. • Excellent transient characteristics. • Adoption of FBET process. Specifications Absolute Maximum Ratings at Ta=25 °C Parameter Symbol Conditions Ratings Unit Gate-to-Drain Voltage VGDO --20 V Gate Current IG 10 mA Drain Current ID 1mA Allowable Power Dissipation PD 100 mW Junction Temperature Tj 150 °C Storage Temperature Tstg --55 to +150 °C Electrical Characteristics at Ta=25 °C Ratings Parameter Symbol Conditions min typ max Unit Gate-to-Drain Breakdown Voltage V(BR)GDO IG=--100µA --20 V Cutoff Voltage VGS(off) VDS=2V, ID=1µA --0.1 --0.4 --1.0 V Zero-Gate Voltage Drain Current IDSS VDS=2V, VGS=0V 140* 350* µA Forward Transfer Admittance yfs VDS=2V, VGS=0V, f=1kHz 0.7 1.3 mS Input Capacitance Ciss VDS=2V, VGS=0V, f=1MHz 2.8 pF Reverse Transfer Capacitance Crss VDS=2V, VGS=0V, f=1MHz 0.55 pF Marking: C Continued on next page. * : The TF250TH is classified by IDSS as follows : (unit : µA) Rank 45 IDSS 140 to 240 210 to 350 TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Ordering number : ENA0381 82506GB MS IM TC-00000099 Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before usingany SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein. TF250TH N-channel Silicon Junction FET Electret Condenser Microphone Applications |
Similar Part No. - TF250TH |
|
Similar Description - TF250TH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |