Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN7D51 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # TN7D51
Description  ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TN7D51 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button TN7D51 Datasheet HTML 3Page - Sanyo Semicon Device TN7D51 Datasheet HTML 4Page - Sanyo Semicon Device TN7D51 Datasheet HTML 5Page - Sanyo Semicon Device TN7D51 Datasheet HTML 6Page - Sanyo Semicon Device TN7D51 Datasheet HTML 7Page - Sanyo Semicon Device TN7D51 Datasheet HTML 8Page - Sanyo Semicon Device TN7D51 Datasheet HTML 9Page - Sanyo Semicon Device TN7D51 Datasheet HTML 10Page - Sanyo Semicon Device TN7D51 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TN7D51
No. A0866-10/11
Continued from preceding page.
SS terminal (5 pin) also acts as standby mode switch. By setting SS terminal (5 pin) voltage to be equal or less than
0.3Vtyp, the output ON/OFF is able to be controlled by external signals.
ON/OFF Control Circuit Example
In addition, confirmation of the following points is necessary in actual circuit.
1) How the output ON/OFF control operates and its effects.
2) Is there any malfunction due to the ambient temperature change of each device or exogenous noises?
Points to Remember in Pattern Designing
1) Transient large current flows to VIN terminal (1 pin), so we recommend the input capacitor should be 3000µF and
above. In addition, (+) (-) terminals of the input capacitor should be set near to VIN terminal (1 pin) and GND
terminal (2 pin).
2) Large current flows to C1A to C, VIN terminal (1 pin) of IC1, SWOUT terminal (3 pin), D1, L1, and C2A. So, the
wiring should be thick and short.
3) FB terminal (4 pin) of IC1 is the feedback terminal from output voltage. It should be near to the output capacitor
C2A.
For the purpose of ensuring the stability of oscillation, a capacitor should be inserted between SS terminal (5 pin) and
GND terminal (2 pin).
The absolute maximum rated voltage of SS terminal (5 pin) is 7V. The absolute maximum rated voltage of FB
terminal (4 pin) is within the range of 5 to 30V according to the output voltage type. When a voltage equal or
higher than the rated value is applied to SS terminal (5 pin) or FB terminal (4 pin) in some cases such as abnormal
test, protection measures like inserting fuses should be taken.
The built-in over-heat protection is a function to prevent the circuit from overheat state caused by transient
temperature rise, but not a function to prevent from abnormal caused by a sudden heat generation. In addition,
the reliability of over-heat protection function is not guarantee.
+
+
VIN
GND
GND
Signal
IT12641
VOUT
1
FUSE
F1
IC1
NPN
5
23 4


Similar Part No. - TN7D51

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P50 FERROXCUBE-TN7.5-2P50 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P65 FERROXCUBE-TN7.5-2P65 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P80 FERROXCUBE-TN7.5-2P80 Datasheet
47Kb / 3P
   Iron powder toroids
TN7.5-2P90 FERROXCUBE-TN7.5-2P90 Datasheet
47Kb / 3P
   Iron powder toroids
More results

Similar Description - TN7D51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN5D51 SANYO-TN5D51 Datasheet
281Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
TN5D51A SANYO-TN5D51A Datasheet
147Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
TN5D61A SANYO-TN5D61A Datasheet
135Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (24V Output type)
TN5D41 SANYO-TN5D41 Datasheet
282Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
TN5D41A SANYO-TN5D41A Datasheet
148Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
TN8D41A SANYO-TN8D41A Datasheet
135Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
   Separately-Excited Step-Down Switching Regulator (Variable Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com