Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD746B Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # BD746B
Description  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD746B Datasheet(HTML) 3 Page - Power Innovations Ltd

  BD746B Datasheet HTML 1Page - Power Innovations Ltd BD746B Datasheet HTML 2Page - Power Innovations Ltd BD746B Datasheet HTML 3Page - Power Innovations Ltd BD746B Datasheet HTML 4Page - Power Innovations Ltd BD746B Datasheet HTML 5Page - Power Innovations Ltd BD746B Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AUGUST 1978 - REVISED MARCH 1997
BD746, BD746A, BD746B, BD746C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
MAXIMUM SAFE OPERATING REGIONS
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·1
-1·0
-10
-100
10
100
1000
TCS636AE
T
C = 125°C
T
C =
25°C
T
C = -55°C
V
CE =
-4 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·1
-1·0
-10
-100
-0·01
-0·1
-1·0
-10
TCS636AF
T
C = -55°C
T
C =
25°C
T
C = 125°C
t
p = 300µs, duty cycle < 2%
I
C
I
B
= 10
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
-100
SAS635AC
BD746
BD746A
BD746B
BD746C
t
p =
1 ms,
d = 0.1 = 10%
t
p = 10 ms,
d = 0.1 = 10%
t
p = 50 ms,
d = 0.1 = 10%
DC Operation


Similar Part No. - BD746B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD746B BOURNS-BD746B Datasheet
109Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD746B ISC-BD746B Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD746B SAVANTIC-BD746B Datasheet
146Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD746B NJSEMI-BD746B Datasheet
138Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD746B

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com