Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEC2601 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # VEC2601
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2601 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  VEC2601 Datasheet HTML 1Page - Sanyo Semicon Device VEC2601 Datasheet HTML 2Page - Sanyo Semicon Device VEC2601 Datasheet HTML 3Page - Sanyo Semicon Device VEC2601 Datasheet HTML 4Page - Sanyo Semicon Device VEC2601 Datasheet HTML 5Page - Sanyo Semicon Device VEC2601 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VEC2601
No. A0933-2/6
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on)1
ID=80mA, VGS=4V
2.9
3.7
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=40mA, VGS=2.5V
3.7
5.2
RDS(on)3
ID=10mA, VGS=1.5V
6.4
12.8
Input Capacitance
Ciss
VDS=10V, f=1MHz
7.0
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
5.9
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
2.3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
See specified Test Circuit.
65
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
155
ns
Fall Time
tf
See specified Test Circuit.
120
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=150mA
1.58
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=150mA
0.26
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=150mA
0.31
nC
Diode Forward Voltage
VSD
IS=150mA, VGS=0V
0.87
1.2
V
[P-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--1.5A
2.9
4.9
S
RDS(on)1
ID=--2A, VGS=--4.5V
55
72
mΩ
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1A, VGS=--2.5V
77
108
mΩ
RDS(on)3
ID=--0.3A, VGS=--1.8V
112
168
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
680
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
115
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
80
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
13
ns
Rise Time
tr
See specified Test Circuit.
53
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
77
ns
Fall Time
tf
See specified Test Circuit.
62
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--3A
8.2
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.5V, ID=--3A
1.7
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.5V, ID=--3A
2.1
nC
Diode Forward Voltage
VSD
IS=--3A, VGS=0V
--0.88
--1.2
V
Package Dimensions
Electrical Connection
unit : mm (typ)
7012-009
2.9
0.65
0.3
123
4
87
6 5
0.15
1 : Source1
2 : Gate1
3 : Drain2
4 : Drain2
5 : Source2
6 : Gate2
7 : Drain1
8 : Drain1
SANYO : VEC8
87
6
5
123
4
1 : Source1
2 : Gate1
3 : Drain2
4 : Drain2
5 : Source2
6 : Gate2
7 : Drain1
8 : Drain1
Top view


Similar Part No. - VEC2601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2602 SANYO-VEC2602 Datasheet
69Kb / 6P
   General-Purpose Switching Device Applications
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2605 SANYO-VEC2605 Datasheet
52Kb / 6P
   P-Channel and N-Channel Silicon MOSFET General-Purpose Switching Device Applications
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2607 SANYO-VEC2607 Datasheet
52Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results

Similar Description - VEC2601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2603 SANYO-EMH2603 Datasheet
73Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2602 SANYO-EMH2602 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW349 SANYO-FW349 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2607 SANYO-VEC2607 Datasheet
52Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW340 SANYO-FW340 Datasheet
61Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
SCH2615 SANYO-SCH2615 Datasheet
70Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
ECH8620 SANYO-ECH8620 Datasheet
72Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com